Electronic Components Datasheet Search
  English  ▼

X  

KXDX9C Datasheet(PDF) 1 Page - Leach International Corporation

Part # KXDX9C
Description  RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

KXDX9C Datasheet(HTML) 1 Page - Leach International Corporation

  KXDX9C Datasheet HTML 1Page - Leach International Corporation KXDX9C Datasheet HTML 2Page - Leach International Corporation KXDX9C Datasheet HTML 3Page - Leach International Corporation KXDX9C Datasheet HTML 4Page - Leach International Corporation KXDX9C Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KXD
RELAY NONLATCH
1 PST/NO (DM) + AUX / 75 AMP
(714) 736-7598 • leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 6/2019
1 / 5
• Polarized, nonlatching hermetically sealed relay
• Contact arrangement
1 PST/NO (DM) +Aux/ 75 AMP
• Coil supply
Direct current
• NOT qualified but designed to the standards and
requirements of:
MIL-PRF-6106
• Available in SPACE and Hi-REL quality
PRINCIPAL TECHNICAL CHARACTERISTICS
•
Contacts rated at
75Amps / 28 Vdc
• Weight
.22 lbs. MAX
•
Dimensions of case
1.120 X 1.025 x 1.025 MAX
•
Balanced-force design, all welded construction
•
Hermetically sealed, corrosion protected metal can
•
No make before break
•
Specific models available upon request
Application notes:
101
102
103E
007
CONTACT ELECTRICAL CHARACTERISTICS / CONTACT RATING
Minimum operating cycles
Type of load
28 Vdc
20,000 cycles
Resistive load
75A
10,000 cycles
Inductive load
20A
20,000 cycles
Motor load
20A
10,000 cycles
Lamp load
10A
50 cycles
Resistive overload
200A
Contact rating per load type, auxiliary contact
28 Vcc
115 Vca – 400 Hz
Resistive
2A
2A
Inductive (L/R=5ms)
1A
1A
Lamp
0.5A
0.5A


Similar Part No. - KXDX9C

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
KXD5A LEACH-KXD5A Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
KXD5B LEACH-KXD5B Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
KXD5C LEACH-KXD5C Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
KXD5M LEACH-KXD5M Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
KXD5N LEACH-KXD5N Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
More results

Similar Description - KXDX9C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KD-D4N-103 ETC2-KD-D4N-103 Datasheet
773Kb / 13P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-J2A-002 ETC2-KD-J2A-002 Datasheet
773Kb / 13P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KDA-E4E ETC2-KDA-E4E Datasheet
656Kb / 11P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
logo
Leach International Cor...
9339 LEACH-9339 Datasheet
505Kb / 5P
RELAY – NONLATCH 25 AMP, 3PST/NO AUX
KD-A4A LEACH-KD-A4A Datasheet
640Kb / 5P
RELAY – NONLATCH 3PST/NOAUX, 25 AMP
KDA LEACH-KDA Datasheet
384Kb / 5P
RELAY – NONLATCH 3PST/NO AUX, 25 AMP
KM-D5A LEACH-KM-D5A Datasheet
360Kb / 5P
RELAY – NONLATCH 1 PST-DM, 50 AMP
KXDL LEACH-KXDL Datasheet
1Mb / 9P
RELAY MAGNETIC LATCH 1 PST/NO (DM) / 75 AMP
KXL LEACH-KXL Datasheet
431Kb / 5P
RELAY MAGNETIC LATCH, 1 PST/NO (DM) / 75 AMP
KXX5A LEACH-KXX5A Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com