Electronic Components Datasheet Search
  English  ▼

X  

KDA-D1K Datasheet(PDF) 1 Page - Leach International Corporation

Part # KDA-D1K
Description  RELAY – NONLATCH 3PST/NO AUX, 25 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

KDA-D1K Datasheet(HTML) 1 Page - Leach International Corporation

  KDA-D1K Datasheet HTML 1Page - Leach International Corporation KDA-D1K Datasheet HTML 2Page - Leach International Corporation KDA-D1K Datasheet HTML 3Page - Leach International Corporation KDA-D1K Datasheet HTML 4Page - Leach International Corporation KDA-D1K Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KDA SERIES
RELAY – NONLATCH
3PST/NO +AUX, 25 AMP
(714) 736-7598 • leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 6/2019
1 / 5
• All welded construction
• Contact arrangement
3 PST configuration with 1 PDT, 2
AMP auxiliary contacts in one inch
cube
• Designed to the
performance standards of
MIL-PRF-6106
PRINCIPLE TECHNICAL CHARACTERISTICS
•
Contacts rated at
28 Vdc and 115/200 Vac, 400 Hz, 3Ø
• Weight
0.188 lb max
•
Dimensions
1.01in x 1.01in x 1.00in
• Hermetically sealed, corrosion resistant metal can. Detail specifications and ordering
data appear on the following pages.
• Contact factory for information on MIL-qualified part numbers.
Applicable sockets:
SO-1061-8916
Application Notes:
102
007
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type [1]
Load current in Amps
@28 Vdc
@115 Vac 400 Hz
@115/200 Vac
400 Hz, 3Ø
@115/200 Vac
60 Hz, 3Ø [9]
@230/400 Vac
400 Hz [11]
Resistive [2]
25
25
25
2.5
5
Inductive [3]
12
15
15
2.5
5
Motor
10
10
10
2
2
Lamp
5
5
5
1
2
Overload
50
80
80
N/A
N/A
Rupture
60
100
100
N/A
N/A
Contact rating of auxiliary contacts
at 28 Vdc or 115 Vac, 400 Hz
Resistive
2 Amp
Inductive
1 Amp
Lamp
0.5 Amp


Similar Part No. - KDA-D1K

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
KDA-064 MEANWELL-KDA-064 Datasheet
196Kb / 4P
KNX to DALI Gateway
2017-09-27
KDA-64 MEANWELL-KDA-64 Datasheet
614Kb / 1P
KNX to DALI Gateway
KDA-64 MEANWELL-KDA-64 Datasheet
196Kb / 4P
KNX to DALI Gateway
2019-07-24
KDA-64 MEANWELL-KDA-64 Datasheet
196Kb / 4P
KNX to DALI Gateway
2017-09-27
KDA-64 MEANWELL-KDA-64_V01 Datasheet
196Kb / 4P
KNX to DALI Gateway
2019-07-24
More results

Similar Description - KDA-D1K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KD-D4N-103 ETC2-KD-D4N-103 Datasheet
773Kb / 13P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-J2A-002 ETC2-KD-J2A-002 Datasheet
773Kb / 13P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KDA-E4E ETC2-KDA-E4E Datasheet
656Kb / 11P
RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
logo
Leach International Cor...
9324 LEACH-9324 Datasheet
484Kb / 4P
RELAY NONLATCH 3PST/NO, 25 AMP
9325 LEACH-9325 Datasheet
1Mb / 10P
RELAY CENTER OFF LOAD TRANSFER 3PST/NO, 25 AMP
9339 LEACH-9339 Datasheet
505Kb / 5P
RELAY – NONLATCH 25 AMP, 3PST/NO AUX
KC-D1A LEACH-KC-D1A Datasheet
644Kb / 5P
RELAY – NONLATCH 3PDT, 25 AMP
KD-A4A LEACH-KD-A4A Datasheet
640Kb / 5P
RELAY – NONLATCH 3PST/NOAUX, 25 AMP
KDL LEACH-KDL Datasheet
672Kb / 5P
RELAY – LATCH 3PST/NO AUX, 25 AMP
KXD LEACH-KXD Datasheet
554Kb / 5P
RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com