Electronic Components Datasheet Search
  English  ▼

X  

KDA-D2K Datasheet(PDF) 2 Page - Leach International Corporation

Part # KDA-D2K
Description  RELAY – NONLATCH 3PST/NO AUX, 25 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

KDA-D2K Datasheet(HTML) 2 Page - Leach International Corporation

  KDA-D2K Datasheet HTML 1Page - Leach International Corporation KDA-D2K Datasheet HTML 2Page - Leach International Corporation KDA-D2K Datasheet HTML 3Page - Leach International Corporation KDA-D2K Datasheet HTML 4Page - Leach International Corporation KDA-D2K Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KDA SERIES
RELAY – NONLATCH
3PST/NO +AUX, 25 AMP
2 / 5
COIL CHARACTERISTICS (Vdc)
GENERAL CHARACTERISTICS
Unless otherwise noted, the specified temperature range applies to all relay characteristics.
Vac 400 Hz
Vac 50 thru 400 Hz
Vac 400 Hz
CODE
E
F
J
K
T [11]
Nominal operating voltage
28
115
28
115
230
Maximum operating voltage
30
122
30
122
248
Maximum pickup voltage
- Cold coil at +125° C
22
90
23
95
180
- During high temp test at +125° C
24.4
95.4
24.6
100
185
- During continuous current test at +125° C
25.6
103.5
25.9
105
195
Maximum drop-out voltage
10
30
10
30
60
Coil current maximum milliAmperes at +25° C
225
40
120
28
22
Temperature range
-70°C to +125°C
Minimum operating cycles (life) at rated load
50,000 [3]
Minimum operating cycles (life) at 25% rated load
200,000
Dielectric strength at sea level
- All circuits to ground and circuit to circuit
1250 Vrms
- Coil to ground
1000 Vrms [4]
Dielectric strength at altitude 80,000 ft
500 Vrms [5]
Insulation resistance
- Initial (500 Vdc)
100 M Ω min
- After environmental tests (500 Vdc)
50 M Ω min
Sinusoidal vibration (A, D, E and W mounting)
0.12 d.a. / 10 to 70 Hz
30G / 70 to 3000 Hz
Sinusoidal vibration (J mounting)
0.12 d.a. / 10 to 57 Hz
20G /57 to 3000 Hz
Random vibration
- Applicable specification
MIL-STD-202
- Method
214
- Test condition – A, D and E mounting
1G (0.4G2/Hz, 50 to 2000 Hz)
- Test condition – G and J mounting
1E (0.2G2/Hz, 50 to 2000 Hz)
- Duration
15 minutes each plane
Shock (A, D, E and W mounting)
200G / 6 ms
Shock (J mounting)
100G / 6 ms
Maximum contact opening time under vibration and shock
10 μs
Operate time at nominal voltage @25°C
20 ms max
Release time at nominal voltage @25°C
50 ms max
Contact make bounce at nominal voltage
-
Power contacts@25°C
1 ms max
-
Auxiliary contacts @25°C
4 ms max
Contact release break bounce at nominal voltage @25°C
0.1 ms max [8]
Weight maximum
0.188 lb



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com