Electronic Components Datasheet Search
  English  ▼

X  

9125 Datasheet(PDF) 2 Page - Leach International Corporation

Part # 9125
Description  CONTACTOR 50 AMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

9125 Datasheet(HTML) 2 Page - Leach International Corporation

  9125 Datasheet HTML 1Page - Leach International Corporation 9125 Datasheet HTML 2Page - Leach International Corporation 9125 Datasheet HTML 3Page - Leach International Corporation 9125 Datasheet HTML 4Page - Leach International Corporation 9125 Datasheet HTML 5Page - Leach International Corporation 9125 Datasheet HTML 6Page - Leach International Corporation 9125 Datasheet HTML 7Page - Leach International Corporation 9125 Datasheet HTML 8Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9125
CONTACTOR
50 AMP
2 / 8
COIL CHARACTERISTICS (Vdc)
GENERAL CHARACTERISTICS
Unless otherwise noted, the specified temperature range applies to all relay characteristics.
CODE
Vdc
115 Vac
60/400 Hz
Suppressed
Vdc [2]
Nominal operating voltage
28
115
28
Maximum operating voltage
29
124
29
Pick-up voltage, max.
- Nominal
18
90
18
- High temp test
21
100
21
- Continuous current test
22.5
104
22.5
Drop-out voltage, max.
7
40
7
Coil resistance ohms ±10% at +25° C
50
-
50
Coil current max. mA at +25° C
-
200
-
Temperature range
-70°C to +125°C
Minimum operating cycles (life) at rated load
50,000
Minimum operating cycles (life) at 25% rated load
100,000
Dielectric strength at sea level
- Coil to case
DC 1,250 Vrms
AC 1,500 Vrms
- Auxiliary contacts
DC 1,250 Vrms
AC 1,500 Vrms
- All other points
DC 1,250 Vrms
AC 1,800 Vrms
Dielectric strength at altitude 80,000 ft
700 Vrms
Insulation resistance (at 500 Vdc) minimum
100 M Ω min
Sinusoidal vibration (70-1500 Hz)
15G
Shock (6-9 millisecond duration)
50G
Maximum contact opening time under shock or vibration
2 ms
Operate time at nominal voltage
DC
30 ms max
AC
30 ms max
Release time at nominal voltage
DC
10 ms max
AC
50 ms max
Contact bounce at nominal voltage
2 ms max [1]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com