Electronic Components Datasheet Search
  English  ▼

X  

9207 Datasheet(PDF) 2 Page - Leach International Corporation

Part # 9207
Description  POWER CONTACTOR 100 AMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

9207 Datasheet(HTML) 2 Page - Leach International Corporation

  9207 Datasheet HTML 1Page - Leach International Corporation 9207 Datasheet HTML 2Page - Leach International Corporation 9207 Datasheet HTML 3Page - Leach International Corporation 9207 Datasheet HTML 4Page - Leach International Corporation 9207 Datasheet HTML 5Page - Leach International Corporation 9207 Datasheet HTML 6Page - Leach International Corporation 9207 Datasheet HTML 7Page - Leach International Corporation 9207 Datasheet HTML 8Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SERIES 9207
POWER CONTACTOR
100 AMP
2 / 8
COIL CHARACTERISTICS (Vdc)
GENERAL CHARACTERISTICS
Unless otherwise noted, the specified temperature range applies to all relay characteristics.
CODE
Vdc
115 Vac 400 Hz
115 Vac 60 Hz
Nominal operating voltage
28
115
115
Maximum operating voltage
29
124
124
Pick-up voltage, max
18
95
95
Drop-out voltage, max
7
35
30
Coil resistance ohms ±10% at +25° C
44.5
-
-
Coil current max. mA at +25° C
-
200
200
Temperature range
-55°C to +85°C
Minimum operating cycles (life) at rated load
50,000
Minimum operating cycles (life) at 25% rated load
100,000
Dielectric strength at sea level
All circuits to ground and circuit to circuit
1,500 Vrms
Coil to ground
1,250 Vrms
Dielectric strength at altitude 50,000 ft.
500 Vrms
Insulation resistance (at 500 Vdc) minimum
100 M Ω min
Sinusoidal vibration (55-500 Hz)
10G
Shock (6-9 millisecond duration)
50G
Maximum contact opening time under shock or vibration
2 μs
Operate time at nominal voltage
DC
30 ms max
Release time at nominal voltage
DC
30 ms max
AC
50 ms max
Weight, max.
1.75 lb



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com