Electronic Components Datasheet Search
  English  ▼

X  

9213 Datasheet(PDF) 1 Page - Leach International Corporation

Part # 9213
Description  POWER CONTACTOR 3 PST-DM, 50/100 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

9213 Datasheet(HTML) 1 Page - Leach International Corporation

  9213 Datasheet HTML 1Page - Leach International Corporation 9213 Datasheet HTML 2Page - Leach International Corporation 9213 Datasheet HTML 3Page - Leach International Corporation 9213 Datasheet HTML 4Page - Leach International Corporation 9213 Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SERIES 9213
POWER CONTACTOR
3 PST-DM, 50/100 AMP
(714) 736-7598 • leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 10/2019.
1 / 5
Hermetically sealed
Balanced armature design
Designed to the performance standards of
MIL-PRF-6106
PRINCIPLE TECHNICAL CHARACTERISTICS
Contacts rated at
28 Vdc; 115 Vac, 400 Hz, 1Ø
115/200 Vac, 60/400 Hz, 3Ø
Weight
2.7 lbs max
Dimensions
4.22in x 4.23in x 4.53in
Special units available upon request
Application Notes:
103G
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type [1]
Load current in Amps
28 Vdc
115 Vac
400 Hz
115/200 Vac
400 Hz 3Ø
WYE OR
DELTA
115/200 Vac
60 Hz 3Ø
WYE OR
DELTA
440 Vac
60/400 Hz
Resistive
100
100
100
50
50
Inductive
100
100
100
50
-
Motor [2]
100
100
100
50
-


Similar Part No. - 9213

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
9213 ALPHAWIRE-9213 Datasheet
43Kb / 3P
Customer Specification
logo
Meder Electronic
9213100054 MEDER-9213100054 Datasheet
127Kb / 2P
Reed sensor
9213661054 MEDER-9213661054 Datasheet
127Kb / 2P
Reed sensor
9213669054 MEDER-9213669054 Datasheet
127Kb / 2P
Reed sensor
logo
KISTLER INSTRUMENT CORP...
9213B KISTLER-9213B Datasheet
565Kb / 5P
Miniature Force Sensor for Mold Cavity Pressure with diameter 6 mm and M2,5 thread
More results

Similar Description - 9213

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC120 PICKER-PC120 Datasheet
693Kb / 3P
100 Amp D.C. Power Contactor
logo
Leach International Cor...
KM-D5A LEACH-KM-D5A Datasheet
360Kb / 5P
RELAY – NONLATCH 1 PST-DM, 50 AMP
KXD LEACH-KXD Datasheet
554Kb / 5P
RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
KXDL LEACH-KXDL Datasheet
1Mb / 9P
RELAY MAGNETIC LATCH 1 PST/NO (DM) / 75 AMP
KXL LEACH-KXL Datasheet
431Kb / 5P
RELAY MAGNETIC LATCH, 1 PST/NO (DM) / 75 AMP
KXX5A LEACH-KXX5A Datasheet
783Kb / 6P
RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
9123 LEACH-9123 Datasheet
748Kb / 6P
CONTACTOR 3 PST/NO, 25 AMP
9124 LEACH-9124 Datasheet
613Kb / 6P
CONTACTOR 3 PST, 50 AMP
9207 LEACH-9207 Datasheet
821Kb / 8P
POWER CONTACTOR 100 AMP
HB-X2N LEACH-HB-X2N Datasheet
508Kb / 6P
CONTACTOR, CURRENT SENSING BUSBAR MOUNTING 3 PSTAUX, 50 AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com