Electronic Components Datasheet Search
  English  ▼

X  

CGH40120F Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # CGH40120F
Description  120 W, RF Power GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH40120F Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  CGH40120F Datasheet HTML 1Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 2Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 3Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 4Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 5Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 6Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 7Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 8Page - WOLFSPEED, INC. CGH40120F Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CGH40120F
5
Rev 4.1 - March 2020
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
Typical Digital Video Broadcast (DVB) Performance
Small Signal Gain and Return Loss vs Frequency of the CGH40120F
measured in DVB Amplifier Circuit 03-000256.
V
DD = 32 V, IDQ = 1.0 A
Frequency (MHz)
Typical Constellation Chart and Spectral Mask using 16QAM OFDM
for a CGH40120F in DVB Amplifier Circuit 03-000256 at 1450 MHz.
V
DD = 32 V, IDQ = 1.0 A, PAVE = 40 W, Drain Efficiency = 40%, Signal PAR = 5.3 dB
19.30
-5
5
15
25
-5
5
15
25
-21.41
-35
-25
-15
-5
-35
-25
-15
-5
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
S21
S11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com