Electronic Components Datasheet Search
  English  ▼

X  

CGH40180PP Datasheet(PDF) 9 Page - WOLFSPEED, INC.

Part # CGH40180PP
Description  180 W, RF Power GaN HEMT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGH40180PP Datasheet(HTML) 9 Page - WOLFSPEED, INC.

Back Button CGH40180PP Datasheet HTML 5Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 6Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 7Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 8Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 9Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 10Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 11Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 12Page - WOLFSPEED, INC. CGH40180PP Datasheet HTML 13Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CGH40180PP
9
Rev. 3.3, 2022-11-17
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
CGH40180PP-AMP Demonstration Amplifier Circuit Bill of Materials
CGH40180PP-AMP Demonstration Amplifier Circuit
Designator
Description
Qty
R1
RES, 100 Ohm, +/-1%, 1 W, 2512
1
R10, R20
RES, 511 Ohm, +/- 5%, 1/16W, 0603
2
R30, R40
RES, 1/16W, 0603, 1%, 5.1 OHMS
2
C1, C2, C3, C4, C30, C40, C70, C80
CAP, 27pF,+/-5% 0805,ATC600F
8
C10, C11, C13, C14, C20, C21, C23, C24 CAP, 3.9pF, +/-0.1 pF, 0603, ATC600S
8
C12, C22
CAP, 3.3pF, +/-0.1 pF, 0603, ATC600S
2
C15, C19, C25, C29
CAP, 3.3pF, +/-0.1 pF, 0603, ATC600S
4
C16, C26
CAP, 1.0pF, +/-0.1 pF, 0603, ATC600S
2
C17, C27
CAP, 0.9pF, +/-0.1 pF, 0603, ATC600S
2
C31, C41
CAP, 100pF,+/-5%, 0603,ATC600S
2
C32, C42
CAP, 470pF, 5%, 100V, 0603, X7R
2
C34, C44, C72, C82
CAP, 33000pF, 0805, 100V, X7R
4
C35, C45
CAP, 10uF, 16V, TANTALUM
2
C50, C51, C60, C61
CAP, 5.6pF, +/-0.1 pF, 0805, ATC600F
4
C52, C62
CAP, 2.7pF, +/-0.1 pF, 0805, ATC600F
2
C53, C63
CAP, 2.2pF, +/-0.1 pF, 0805, ATC600F
2
C54, C64
CAP, 1.1pF, +/-0.05 pF, 0805, ATC600F
2
C55, C65
CAP, 0.5pF, +/-0.05 pF, 0805, ATC600F
2
C73, C83
CAP, 1.0uF, +/-10%, 1210, 100V, X7R
2
C74, C84
CAP, 33uF, 100V, ELECT, FK, SMD
2
L10, L20
IND, 6.8nH, 0603, L-14C6N8ST
2
L30, L40
FERRITE, 220 OHM, 0603, BLM21PG221SN1
2
J1, J2
CONN, N-Type, Female, 0.500 SMA Flange
2
J3, J4
CONN, Header, RT> PLZ, 0.1 CEN, LK, 9 POS
2
—
PCB, RO4350, Er = 3.48, h = 20 mil
1
Q1
CGH40180PP
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com