Electronic Components Datasheet Search
  English  ▼

X  

837101024 Datasheet(PDF) 1 Page - Ulti-Mate Connector Inc

Part # 837101024
Description  STRIP CONNECTOR SR10P4-L05
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTI-MATE [Ulti-Mate Connector Inc]
Direct Link  https://www.ultimateconnector.com/
Logo ULTI-MATE - Ulti-Mate Connector Inc

837101024 Datasheet(HTML) 1 Page - Ulti-Mate Connector Inc

  837101024 Datasheet HTML 1Page - Ulti-Mate Connector Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.650
.285
.125
2 PLACES
.062
2 PLACES
10
.050
TYP.
10
.040 MAX.
EPOXY WICKING
.100
TYP.
.050
1
.825 .025
.080
PIN 1
PIN 10
NOTES: UNLESS OTHERWISE SPECIFIED
1
1
SD-837101024.SDDDRW
837101024
SD-837101024
6:1
DW 10/25/04
SEE ECN
SEE ECN
STRIP CONNECTOR
SR10P4-L05
-
A
-
A
07/13/17
10/25/04
DW
DW
DW
UMI3079
UMI6431
-
DW
A
SD-837101024
1 MARKING: UMI DATE CODE, AND UMI WORK ORDER NO.
A
10
2
3
4
5
6
7
8
9
F
E
D
C
B
B
DRAWING NO.
REVISE ON CAD ONLY
DWG SIZE
CHECKED BY & DATE
C
SCALE
QUALITY
SYMBOLS
THIRD ANGLE
PROJECTION
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO ULTI-MATE
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION.
OF
SHEET NO.
Ulti-Mate CAGE CODE
58967
CAD FILENAME
PART REV.
PART NO.
MATERIAL
DRAWN BY & DATE
TITLE
UNLESS SPECIFIED:
ALL DIMENSIONS IN INCHES
GENERAL TOLERANCES:
3 PLACE .005
2 PLACE .01
ANGULAR 2
MAJOR
CRITICAL
APPROVED BY & DATE
NO SYMBOL
= MINOR
DIMENSION
REVISIONS
PART REV. DWG. ISSUE
DATE
ECN NO.
APPVD. BY
REL. BY
ENG PROJECT #
ALL EXTERNAL SPECIFICATIONS
REFERENCED ON THIS
DRAWING SHALL BE THE LATEST
REVISION IN EFFECT


Similar Part No. - 837101024

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
837101041 ULTI-MATE-837101041 Datasheet
55Kb / 1P
Micro Strip Wired 10 Pin One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7-2-12
More results

Similar Description - 837101024

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SD-437091902 ULTI-MATE-SD-437091902 Datasheet
76Kb / 1P
MICRO-D STRIP CONNECTOR, SIZE 9 W/GUIDE PIN HOLE, L05 LEADS SR09P1-L05-HT
1-6-14
SD-437121900 ULTI-MATE-SD-437121900 Datasheet
70Kb / 1P
MICRO-D STRIP CONNECTOR, SIZE 12 W/GUIDE PIN HOLE, L05 LEADS SR12P1-L05-HT
1-6-14
SD-437245021 ULTI-MATE-SD-437245021 Datasheet
108Kb / 1P
NANO STRIP CONNECTOR, PLUG, NSR24P1-L05
5/29/2020
SD-837021023 ULTI-MATE-SD-837021023 Datasheet
104Kb / 1P
MICRO STRIP CONNECTOR, SR02P3-L05, CENTER JACKSCREW HOLE
3/2/21
SD-837025120 ULTI-MATE-SD-837025120 Datasheet
95Kb / 1P
NANO STRIP CONNECTOR, NSR-02P1-L05
1/19/19
SD-837026020 ULTI-MATE-SD-837026020 Datasheet
53Kb / 1P
NANO STRIP CONNECTOR RECEPTACLE (SOCKETS), 2 POSITION NSR-02S0-L05
12/20/2016
SD-837026120 ULTI-MATE-SD-837026120 Datasheet
140Kb / 1P
NANO STRIP CONNECTOR, NSR-02S1-L05
1/19/19
SD-837071905 ULTI-MATE-SD-837071905 Datasheet
89Kb / 1P
MICRO STRIP CONNECTOR, 7 PIN, 1 GUIDE PIN HOLE, L05 LEADS, SR07P1-L05
10/18/13
SD-837262021 ULTI-MATE-SD-837262021 Datasheet
238Kb / 1P
MICRO STRIP CONNECTOR, SR26S01-L05
6/12/13
SD-837266021 ULTI-MATE-SD-837266021 Datasheet
170Kb / 1P
NANO STRIP CONNECTOR, 2 NSR26S01-L05
6/12/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com