Electronic Components Datasheet Search
  English  ▼

X  

3530596 Datasheet(PDF) 1 Page - FIBOX Enclosing innovations

Part # 3530596
Description  Size 2 Remarks : 4x PG11/217x PG16
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

3530596 Datasheet(HTML) 1 Page - FIBOX Enclosing innovations

  3530596 Datasheet HTML 1Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MB 10596
Sample image
Order symbol : MB 10596
Product nr : 3530596
Description : Size 2
Remarks : 4x PG11/21+7x PG16
EAN : 6418074030368
El. number :
• Finland : 3423017
• Denmark : 8212008818
• Sweden : 2538347
Dimensions :
Height
Width
Depth
Materials :
Ratings :
electrical_insulation :
Not insulated
UV resistance :
-
© Fibox Oy, Data subject to change without notice (printed: 31.07.2023)


Similar Part No. - 3530596

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
3530593 FIBOX-3530593 Datasheet
42Kb / 1P
Size 2 9x PG115x PG9/16
14.08.2023
3530594 FIBOX-3530594 Datasheet
44Kb / 1P
Size 2
14.08.2023
3530595 FIBOX-3530595 Datasheet
44Kb / 1P
Size 2 13x PG16
14.08.2023
More results

Similar Description - 3530596

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HICM65 HITRON-HICM65 Datasheet
404Kb / 2P
4x 2 inch Compact size
HICM76G HITRON-HICM76G Datasheet
423Kb / 2P
4x 2 inch Compact size
logo
FIBOX Enclosing innovat...
3530014 FIBOX-3530014 Datasheet
46Kb / 1P
Size 2 12x PG16
31.07.2023
3530857 FIBOX-3530857 Datasheet
59Kb / 2P
Size 2 Remarks : 4xM124xM12/M204xM16/M25
31.07.2023
3530016 FIBOX-3530016 Datasheet
49Kb / 1P
Size 2 6x PG164x PG21
14.08.2023
3530017 FIBOX-3530017 Datasheet
49Kb / 1P
Size 2 4x PG163x PG29
14.08.2023
3530019 FIBOX-3530019 Datasheet
49Kb / 1P
Size 2 4x PG162x PG36
14.08.2023
3530149 FIBOX-3530149 Datasheet
49Kb / 1P
Size 1 4x PG16
14.08.2023
3530593 FIBOX-3530593 Datasheet
42Kb / 1P
Size 2 9x PG115x PG9/16
14.08.2023
3530595 FIBOX-3530595 Datasheet
44Kb / 1P
Size 2 13x PG16
14.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com