Electronic Components Datasheet Search
  English  ▼

X  

LMS202E Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS202E
Description  15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS202E Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMS202E Datasheet HTML 1Page - National Semiconductor (TI) LMS202E Datasheet HTML 2Page - National Semiconductor (TI) LMS202E Datasheet HTML 3Page - National Semiconductor (TI) LMS202E Datasheet HTML 4Page - National Semiconductor (TI) LMS202E Datasheet HTML 5Page - National Semiconductor (TI) LMS202E Datasheet HTML 6Page - National Semiconductor (TI) LMS202E Datasheet HTML 7Page - National Semiconductor (TI) LMS202E Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified C1 = C2 = C3 = C4 = Cbp = 0.1µF
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
Max
(Note 5)
Units
T
RPLH
T
RPHL
Receiver Propagation Delay C
L = 150pF
0.08
1
µs
T
DPLH
T
DPHL
Transmitter Propagation
Delay
R
L =3k
Ω,C
L = 2500pF
All transmitters loaded
2.4
µs
V
SLEW
Transition Region Slew Rate T
A = 25˚C, VS =5V
C
L = 50pF to 1000pF, RL =3k
Ω to 7kΩ
Measured from +3V to −3V or vice versa
3
6
30
V/µs
ESD Performance: Transmitter Outputs and Receiver Inputs
ESD Rating
Human Body Model
±15
kV
IEC 1000-4-2, Contact
±8
IEC 1000-4-2, Air-gap
±15
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human Body Model, 1.5k
Ω in series with 100pF
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(MAX) −TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
Note 4: Typical Values represent the most likely parametric norm.
Note 5: All limits are guaranteed by testing or statistical analysis
Note 6: Machine model, 0
Ω in series with 200pF
Note 7: IEC 1000-4-2, 330
Ω in series with 150pF
Note 8: ESD rating applies to pins 7,8 13 and 14
Note 9: ESD rating applies to pins 1, 2, 3, 4, 5, 6, 9, 10, 11, 12, 15 and 16
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com