Electronic Components Datasheet Search
  English  ▼

X  

CS4352 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4352
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4352 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4352 Datasheet HTML 1Page - Cirrus Logic CS4352 Datasheet HTML 2Page - Cirrus Logic CS4352 Datasheet HTML 3Page - Cirrus Logic CS4352 Datasheet HTML 4Page - Cirrus Logic CS4352 Datasheet HTML 5Page - Cirrus Logic CS4352 Datasheet HTML 6Page - Cirrus Logic CS4352 Datasheet HTML 7Page - Cirrus Logic CS4352 Datasheet HTML 8Page - Cirrus Logic CS4352 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DS684PP1
5
CS4352
DAC ANALOG CHARACTERISTICS
(Test conditions (unless otherwise specified): input test signal is a 997 Hz sine wave at 0 dBFS; measurement
bandwidth 10 Hz to 20 kHz)
1. One-half LSB of triangular PDF dither is added to data.
Parameter
Symbol
Min
Typ
Max
Unit
All Speed Modes
Fs = 48, 96, and 192 kHz
Dynamic Range (Note 1)
24-bit A-Weighted
unweighted
16-bit A-Weighted
unweighted
96
93
-
-
102
99
98
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
24-bit
0 dB
-20 dB
-60 dB
16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-
-90
-79
-39
-90
-75
-35
-84
-73
-33
-
-
-
dB
dB
dB
dB
dB
dB
Idle Channel Noise / Signal-to-noise ratio
(A-wt)
-
102
-
dB
Interchannel Isolation
(1 kHz)
-
90
-
dB
Analog Output - All Modes
Full Scale Output Voltage
1.9
2.0
2.1
Vrms
Common Mode Voltage
VQ
-4
-
Vdc
Max Current draw from an AOUT pin
IOUTmax
-
575
-
μA
Max Current draw from VQ
IQmax
-1
-
μA
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
Output Impedance
ZOUT
-50
-
Ω
AC-Load Resistance
RL
5-
-
k
Ω
Load Capacitance
CL
--
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com