Electronic Components Datasheet Search
  English  ▼

X  

CS4412 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4412
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4412 Datasheet HTML 11Page - Cirrus Logic CS4412 Datasheet HTML 12Page - Cirrus Logic CS4412 Datasheet HTML 13Page - Cirrus Logic CS4412 Datasheet HTML 14Page - Cirrus Logic CS4412 Datasheet HTML 15Page - Cirrus Logic CS4412 Datasheet HTML 16Page - Cirrus Logic CS4412 Datasheet HTML 17Page - Cirrus Logic CS4412 Datasheet HTML 18Page - Cirrus Logic CS4412 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
DS749A1
15
CS4412
4.4
Output Filters
The filter placed after the PWM outputs can greatly affect the output performance. The filter not only reduces
radiated EMI (snubber filter), but also filters high frequency content from the switching output before going
to the speaker (low-pass LC filter).
4.4.1
Half-Bridge Output Filter
Figure 5 shows the output filter for a half-bridge configuration. The transient-voltage suppression circuit
(snubber circuit) is comprised of a resistor (20
Ω, ¼ W) and capacitors (220 pF) and should be placed as
close as possible to the corresponding PWM output pin to greatly reduce radiated EMI.
The inductor, L1, and capacitor, C1, comprise the low-pass filter. Along with the nominal load impedance
of the speaker, these values set the cutoff frequency of the filter. Table 3 shows the component values for
L1 and C1 based on nominal speaker (load) impedance for a corner frequency (-3 dB point) of approxi-
mately 35 kHz.
C2 is the DC-blocking capacitor. Table 4 shows the component values for C2 based on corner frequency
(-3 dB point) and a nominal speaker (load) impedances of 4
Ω, 6 Ω, and 8 Ω. This capacitor should also
be chosen to have a ripple current rating above the amount of current that will passed through it.
Load
L1
C1
4
Ω
22 µH
1.0 µF
6
Ω
33 µH
0.68 µF
8
Ω
47 µH
0.47 µF
Table 3. Low-Pass Filter Components - Half-Bridge
PWM
Output
220 pF
C1
20
Ω
L1
C2
+-
*Diode is Zetex
ZHCS400 or
equivalent
VP
Figure 5. Output Filter - Half-Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com