Electronic Components Datasheet Search
  English  ▼

X  

CS5372A Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5372A
Description  Low-power, High-performance Modulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5372A Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5372A Datasheet HTML 17Page - Cirrus Logic CS5372A Datasheet HTML 18Page - Cirrus Logic CS5372A Datasheet HTML 19Page - Cirrus Logic CS5372A Datasheet HTML 20Page - Cirrus Logic CS5372A Datasheet HTML 21Page - Cirrus Logic CS5372A Datasheet HTML 22Page - Cirrus Logic CS5372A Datasheet HTML 23Page - Cirrus Logic CS5372A Datasheet HTML 24Page - Cirrus Logic CS5372A Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
CS5371A CS5372A
DS748F1
21
6. POWER MODES
The CS5371A and CS5372A modulators have
three power modes. Normal operation, power
down with MCLK enabled, and power down
with MCLK disabled.
6.1 Normal Operation
With MCLK active and the PWDN pin driven
low, the CS5371A and CS5372A modulators
perform normal data acquisition. A differential
analog input signal is converted to an over-
sampled 1-bit
∆Σ bit stream at 512 kHz. This
∆Σ bit stream is then digitally filtered and deci-
mated by the CS5376A device to a high-preci-
sion 24-bit output.
6.2 Power Down, MCLK Enabled
With MCLK active and the PWDN pin driven
high, the CS5371A and CS5372A modulators
are placed into a power-down state. During
this power-down state the modulators are dis-
abled and all outputs are high impedance.
6.3 Power Down, MCLK Disabled
If MCLK is stopped, an internal loss-of-clock
detection circuit automatically places the
CS5371A and CS5372A into a power-down
state. This power-down state is independent of
the PWDN pin setting and is automatically in-
voked after approximately 40
µs without re-
ceiving an incoming MCLK edge.
During this power-down state, the modulators
are disabled and all outputs are high imped-
ance. When used with the CS5376A digital fil-
ter, the CS5371A and CS5372A are in this
power-down state immediately after reset
since MCLK is disabled by default.
NORMAL OPERATION
MCLK = ON
PWDN = 0
POWER DOWN
MCLK = ON
PWDN = 1
POWER DOWN
MCLK = OFF
PWDN = X
Figure 13. Power Mode Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com