Electronic Components Datasheet Search
  English  ▼

X  

CS44130 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS44130
Description  60 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44130 Datasheet(HTML) 4 Page - Cirrus Logic

  CS44130 Datasheet HTML 1Page - Cirrus Logic CS44130 Datasheet HTML 2Page - Cirrus Logic CS44130 Datasheet HTML 3Page - Cirrus Logic CS44130 Datasheet HTML 4Page - Cirrus Logic CS44130 Datasheet HTML 5Page - Cirrus Logic CS44130 Datasheet HTML 6Page - Cirrus Logic CS44130 Datasheet HTML 7Page - Cirrus Logic CS44130 Datasheet HTML 8Page - Cirrus Logic CS44130 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
DS690PP1
CS44130
1. PIN DESCRIPTION
Pin Name
Pin #
Pin Description
VP
1
4
9
12
44
High Voltage Output Power
(Input) - High voltage power supply for the individual output power
half-bridge devices.
PGND
3, 6
7, 10
13, 14
15, 16
43, 45
46, 47
48
Power Ground
(Input) - Ground for the individual output power half-bridge devices. These pins
should be connected to the common system ground.
Thermal Pad
14
13
8
7
6
5
4
3
2
1
15
16
17
18
19
20
29
30
31
32
33
34
35
36
41
42
43
44
45
46
47
48
37
38
39
40
12
11
10
9
21
22
23
24
25
26
27
28
VP
OUT1
PGND
VP
OUT2
PGND
PGND
OUT3
GND
VD
IN1
GND
VD
IN2
LVD
IN3
VP
PGND
OUT4
VP
VD
GND
IN4
VD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com