Electronic Components Datasheet Search
  English  ▼

X  

CS49510 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS49510
Description  New Audio DSP Delivers High-End Performance Powerful 32-bit Dual Coyote32 Core (1440 MOPS)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49510 Datasheet(HTML) 1 Page - Cirrus Logic

  CS49510 Datasheet HTML 1Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CS49500/10/20
PRODUCT
BULLETIN
For more information,
visit us at www.cirrus.com
Cirrus Logic, Inc. 2901 Via Fortuna Austin, TX 78746 USA
T (512) 851-4000 T (800) 888-5016 F (512) 851-4977
0101-1203-PB-LP
© 2003, Cirrus Logic, Inc. All rights reserved. Cirrus, Cirrus Logic, and Leading the Digital Entertainment Revolution are
trademarks of Cirrus Logic, Inc. Other brand and product names may be trademarks or service marks of their respective owners.
CS49500/10/20 Features
New Audio DSP Delivers High-End Performance
Powerful 32-bit Dual Coyote32™ Core (1440 MOPS)
Designed as an ideal silicon solution for audio video receivers
and DVD receivers, the new CS49500 family integrates two
programmable 32-bit DSP cores and a DMA engine with a full set of
audio peripherals. Feature-rich designs can be easily developed
using the Cirrus® Audio Software Library, which includes both certified
application programs and a modular plug-in environment for easy
customization using Coyote32 assembly or C programming. The
framework includes certified state-of-the-art audio decoders, virtualizers,
surround simulators, and audio-enhancement algorithms.
The CS49500 family is designed to reduce system costs and development
time and provide features and flexibility for competitive system-level
solutions. Difficult processing tasks that incorporate Dolby Digital
Surround EX, AAC multichannel, DTS-ES 96/24, and THX Ultra2
Cinema can now be accomplished without the expense of external
logic or memory. Additionally, the CS49500 family meets the needs
of today’s high-end audio systems with twin DSP cores, I/O intensive
designs that support up to 10 input and 16 output channels, and on
the CS49520 design, support for simultaneous dual-decode.
Delivering an extensive selection of silicon and software capabilities,
the CS49500 family is an excellent Total Entertainment (Total-E™) IC
Solution for your next-generation digital home entertainment product.
s
Powerful 32-bit, dual-core audio DSP
s
Supports simultaneous dual-decode
s
Cirrus® Audio Software Library (3-Overlay)
s
Decoder
s
Dolby® Digital ProLogic® II,™
Dolby Digital-EX,™ DTS-ES™ 96/24,™
DTS-ES Discrete 6.1,™ DTS-ES Matrix
6.1,™ AAC Multichannel 5.1, WMA 9,
MP3, MPEG Multichannel Audio
s
Matrix Processor
s
Dolby Digital-EX ProLogic IIx,™
DTS Neo:6,™ SRS Circle Surround,™
Cirrus Extended Surround™
s
Post-Processor
s
Dolby Digital Headphone™ / Dolby Digital
Virtual Speaker,™ SRS Tru-Surround,™
THX® Ultra 2 Cinema,™ THX Surround EX,™
DVD Audio/SACD Multichannel Bass
Management
s
Cirrus Audio Software Development Kit
s
Coyote32 assembler and linker
s
Coyote32 C compiler
s
Hydra™ 2.0 chip simulator and
in-circuit emulator
s
Audio OS and plug-in framework
s
Customer software security keys
s
Large on-chip X, Y & program RAM
s
10-channel, 32-bit serial audio inputs
s
16-channel, 32-bit PCM outputs
s
Two master/slave SPI or I2C
® format control
ports for audio subsystem management
s
Supports SDRAM, SRAM, FLASH memories
s
Dual 192 kHz S/PDIF transmitters
s
Available in 144-pin LQFP
s
CS49500 price: $12.95 (10K)


Similar Part No. - CS49510

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4952 CIRRUS-CS4952 Datasheet
465Kb / 44P
NTSC/PAL Digital Video Encoder
CS4952-CL CIRRUS-CS4952-CL Datasheet
465Kb / 44P
NTSC/PAL Digital Video Encoder
CS4952-CQ CIRRUS-CS4952-CQ Datasheet
465Kb / 44P
NTSC/PAL Digital Video Encoder
CS4953 CIRRUS-CS4953 Datasheet
465Kb / 44P
NTSC/PAL Digital Video Encoder
logo
SHENZHEN DOINGTER SEMIC...
CS4953 DOINGTER-CS4953 Datasheet
1Mb / 4P
Dual P-Channel MOSFET uses advanced trench technology
More results

Similar Description - CS49510

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS48500 CIRRUS-CS48500 Datasheet
319Kb / 28P
Cost-effective, High-performance 32-bit DSP
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
32-bit Audio DSP Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
32-bit Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
32-bit Audio Decoder DSP Family
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
32-bit Dual Audio DSP Engine
CS48520 CIRRUS-CS48520 Datasheet
369Kb / 23P
Cost-effective, High-performance 32-bit DSP
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com