Electronic Components Datasheet Search
  English  ▼

X  

GWDASPA1.EC Datasheet(PDF) 6 Page - ams AG

Part # GWDASPA1.EC
Description  High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWDASPA1.EC Datasheet(HTML) 6 Page - ams AG

Back Button GWDASPA1.EC Datasheet HTML 2Page - ams AG GWDASPA1.EC Datasheet HTML 3Page - ams AG GWDASPA1.EC Datasheet HTML 4Page - ams AG GWDASPA1.EC Datasheet HTML 5Page - ams AG GWDASPA1.EC Datasheet HTML 6Page - ams AG GWDASPA1.EC Datasheet HTML 7Page - ams AG GWDASPA1.EC Datasheet HTML 8Page - ams AG GWDASPA1.EC Datasheet HTML 9Page - ams AG GWDASPA1.EC Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
2018-01-15
6
Version 1.6 (not for new design)
GW DASPA1.EC
5H
5I
6H
6I
7H
7I
5J
5K
6J
6K
7J
7K
5L
5M
5N
6L
6M
6N
7L
7M
7N
5O
5P
5Q
6O
6P
6Q
7O
7P
7Q
8O
8P
8Q
5R
5S
5T
6R
6S
6T
7R
7S
7T
8R
8S
8T
5U 5V
5W
5X
6U 6V
6W
6X
7U 7V
7W
7X
8U 8V
8W
8X
50
00
K
45
00
K
4000
K
350
0K
300
0 K
2700
K
2500 K
3000 K
3500 K
4000 K
4500 K
5000 K
0.330
0.350
0.370
0.390
0.410
0.430
0.450
0.330
0.350
0.370
0.390
0.410
0.430
0.450
0.470
0.490
0.510
Cx
Cy
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
450
460
470
475
480
485
490
495
500
505
510
515
520
525
530
540
550
560
570
580
590
600
610
630
700
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
Cx
Cy
Coordinates in reference to CIE 1931 (cx cy)
Farbortgruppen 7) Seite 25
Chromaticity Coordinate Groups 7) page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com