Electronic Components Datasheet Search
  English  ▼

X  

2SJ649 Datasheet(PDF) 2 Page - NEC

Part # 2SJ649
Description  MOS FIELD EFFECT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ649 Datasheet(HTML) 2 Page - NEC

  2SJ649 Datasheet HTML 1Page - NEC 2SJ649 Datasheet HTML 2Page - NEC 2SJ649 Datasheet HTML 3Page - NEC 2SJ649 Datasheet HTML 4Page - NEC 2SJ649 Datasheet HTML 5Page - NEC 2SJ649 Datasheet HTML 6Page - NEC 2SJ649 Datasheet HTML 7Page - NEC 2SJ649 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D16332EJ1V0DS
2
2SJ649
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristics
Symbol
Test Condtions
MIN.
TYP.
MAX.
Unit
Zero Gate Voltage Drain Current
IDSS
VDS = –60 V, VGS = 0 V
–10
µA
Gate Leakage Current
IGSS
VGS =
m 20 V, VDS = 0 V
m 10
µA
Gate Cut-off Voltage
VGS(off)
VDS = –10 V, ID = –1 mA
–1.5
–2.0
–2.5
V
Forward Transfer Admittance
Note
| yfs |VDS = –10 V, ID = –10 A
10
20
S
RDS(on)1
VGS = –10 V, ID = –10 A
38
48
m
Ω
Drain to Source On-state Resistance
Note
RDS(on)2
VGS = –4.0 V, ID = –10 A
47
75
m
Ω
Input Capacitance
Ciss
VDS = –10 V
1900
pF
Output Capacitance
Coss
VGS = 0 V
350
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
140
pF
Turn-on Delay Time
td(on)
VDD = –30 V, ID = –10 A
10
ns
Rise Time
tr
VGS = –10 V
10
ns
Turn-off Delay Time
td(off)
RG = 0
Ω
73
ns
Fall Time
tf
17
ns
Total Gate Charge
QG
VDD = –48 V
38
nC
Gate to Source Charge
QGS
VGS = –10 V
7
nC
Gate to Drain Charge
QGD
ID = –20 A
10
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF = 20 A, VGS = 0 V
0.95
V
Reverse Recovery Time
trr
IF = 20 A, VGS = 0 V
49
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs
100
nC
Note Pulsed: PW
≤ 350
µs, Duty Cycle ≤ 2%
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
Ω
50
Ω
PG
L
VDD
VGS = –20
→ 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS (
−)
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
VGS
Wave Form
VDS
Wave Form
VGS (
−)
10%
90%
10%
0
VDS (
−)
90%
90%
td(on)
tr
td(off)
tf
10%
τ
VDS
0
ton
toff
PG.
50
Ω
D.U.T.
RL
VDD
IG =
−2 mA
−
VGS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com