Electronic Components Datasheet Search
  English  ▼

X  

LAP47B Datasheet(PDF) 10 Page - ams AG

Part # LAP47B
Description  With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LAP47B Datasheet(HTML) 10 Page - ams AG

Back Button LAP47B Datasheet HTML 6Page - ams AG LAP47B Datasheet HTML 7Page - ams AG LAP47B Datasheet HTML 8Page - ams AG LAP47B Datasheet HTML 9Page - ams AG LAP47B Datasheet HTML 10Page - ams AG LAP47B Datasheet HTML 11Page - ams AG LAP47B Datasheet HTML 12Page - ams AG LAP47B Datasheet HTML 13Page - ams AG LAP47B Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LA P47B
10 Version 1.2 | 2019-07-16
Max. Permissible Forward Current
I
F = f(T)
40
20
0
0
100
80
60
˚C
T
IF
mA
OHL02161
TS
TA
10
20
30
40
50
60
70
A
T
TS temp. solder point
temp. ambient
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TA = 25 °C
OHL02164
10-5
p
t
F
I
10-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
tP
T
=
T
P
t
IF
0.01
0.05
0.1
0.005
0.02
D =
0.02
0.04
0.06
0.08
0.10
0.12
0.16
1
0.5
0.2
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TA = 85 °C
OHL02163
10-5
p
t
F
I
10-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
tP
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.02
0.04
0.06
0.08
0.10
0.12
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com