Electronic Components Datasheet Search
  English  ▼

X  

LEBP1MR Datasheet(PDF) 4 Page - ams AG

Part # LEBP1MR
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LEBP1MR Datasheet(HTML) 4 Page - ams AG

  LEBP1MR Datasheet HTML 1Page - ams AG LEBP1MR Datasheet HTML 2Page - ams AG LEBP1MR Datasheet HTML 3Page - ams AG LEBP1MR Datasheet HTML 4Page - ams AG LEBP1MR Datasheet HTML 5Page - ams AG LEBP1MR Datasheet HTML 6Page - ams AG LEBP1MR Datasheet HTML 7Page - ams AG LEBP1MR Datasheet HTML 8Page - ams AG LEBP1MR Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LE B P1MR
DATASHEET
DATASHEET
4 | Version 1.1 | 2022-08-17
Characteristics
T
Board = 25 °C; IF = 8000 mA; f = 1000 Hz; D = 0.25
Parameter
Symbol
Values
Peak Wavelength
λ
peak
typ.
450 nm
Dominant Wavelength 3)
λ
dom
min.
typ.
max.
452 nm
456 nm
460 nm
Spectral bandwidth at 50% I
rel,max
∆λ
typ.
23 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
Radiating surface
A
color
typ.
3.35 x 1.55
mm²
Partial Flux acc. CIE 127:2007 4)
I
F = 8000 mA
Φ
E/V, 120°
typ.
0.77
Forward Voltage 5)
I
F = 8000 mA
V
F
min.
typ.
max.
6.4 V
6.8 V
7.6 V
Reverse voltage (ESD device)
V
R ESD
min.
45 V
Reverse voltage 2)
I
R = 20 mA
V
R
max.
1.2 V
Real thermal resistance junction/board
R
thJB real
typ.
0.90 K / W
Electrical thermal resistance junction/board
with efficiency η
e = 31 %
R
thJB elec.
typ.
0.62 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com