Electronic Components Datasheet Search
  English  ▼

X  

AW01 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # AW01
Description  ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

AW01 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  AW01 Datasheet HTML 1Page - Hitachi Semiconductor AW01 Datasheet HTML 2Page - Hitachi Semiconductor AW01 Datasheet HTML 3Page - Hitachi Semiconductor AW01 Datasheet HTML 4Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PDE-AW01-0
AW01
Typical zener characteristics
0
4
8
1216
202428
32
0
20
40
60
80
100
120
140
160
180
200
ZENER VOLTAGE (V)
TL=25˚C
Typical dynamic impedance vs. zener current
1
10
100
1
10
100
ZENER CURRENT (mA)
AW01-24
AW01-07
AW01-16
0.3
Max. allowable power dissipation vs. ambient temperature
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
AMBIENT TEMPERATURE (˚C)
PC board (100x180x1.6t)
Copper foil (
5.5)
L
L
Lead length
L=10mm
20mm
25mm
Max. allowable power dissipation vs. lead temperature
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
LEAD TEMPERATURE (˚C)
Lead temp
PC board
(100x180x1.6t)
Copper foil (
5.5)
L
L
Lead length
L=10mm
20mm
25mm
Reverse power characteristic
(Non-repetitive)
1
10
100
0
50
100
CYCLES
10ms
1 cycle
Reverse
instantaneous
loss
Steady state thermal impedance
0
102030
0
20
40
60
80
100
120
140
LEAD LENGTH (mm)
Rth(j - a)
Rth(j - l)
Lead
length
Lead temp.
measured poin
(
φ0.5 thermocouple)
PC board
(100
×180×1.6t)
Lead
length
Copper foil (
5.5)
2
Ambient temp. measured point



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com