Electronic Components Datasheet Search
  English  ▼

X  

CD74AC109 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC109
Description  Dual j-k Flip-Flop with Set and Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC109 Datasheet(HTML) 5 Page - Texas Instruments

  CD74AC109 Datasheet HTML 1Page - Texas Instruments CD74AC109 Datasheet HTML 2Page - Texas Instruments CD74AC109 Datasheet HTML 3Page - Texas Instruments CD74AC109 Datasheet HTML 4Page - Texas Instruments CD74AC109 Datasheet HTML 5Page - Texas Instruments CD74AC109 Datasheet HTML 6Page - Texas Instruments CD74AC109 Datasheet HTML 7Page - Texas Instruments CD74AC109 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CD54AC109, CD74AC109
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS
WITH CLEAR AND PRESET
SCHS326 – JANUARY 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
71
81
MHz
t
Pulse duration
CLK high or low
7
6
ns
tw
Pulse duration
CLR or PRE
6.3
5.5
ns
tsu
Setup time, before CLK
↑
J or K
7.7
6.8
ns
th
Hold time, after CLK
↑
J or K
0
0
ns
trec
Recovery time, before CLK
↑
CLR
↑ or PRE↑
3.5
3.1
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
100
114
MHz
t
Pulse duration
CLK high or low
5
4.4
ns
tw
Pulse duration
CLR or PRE
4.5
3.9
ns
tsu
Setup time, before CLK
↑
J or K
5.5
4.8
ns
th
Hold time, after CLK
↑
J or K
0
0
ns
trec
Recovery time, before CLK
↑
CLR
↑ or PRE↑
2.5
2.2
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 1.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
8
9
MHz
tPLH
CLK
QQ
129
117
ns
tPLH
CLR or PRE
Q or Q
153
139
ns
tPHL
CLK
QorQ
129
117
ns
tPHL
CLR or PRE
Q or Q
153
139
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
71
81
MHz
tPLH
CLK
QQ
3.6
14.4
3.7
13.1
ns
tPLH
CLR or PRE
Q or Q
4.3
17.1
4.4
15.5
ns
tPHL
CLK
QorQ
3.6
14.4
3.7
13.1
ns
tPHL
CLR or PRE
Q or Q
4.3
17.1
4.4
15.5
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com