Electronic Components Datasheet Search
  English  ▼

X  

CS5010RR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CS5010RR
Description  DES/3DES Encryption/Decryption Cores
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5010RR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CS5010RR Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Optimized for
3
TM
FUNCTIONAL DESCRIPTION
The Amphion series of DES/3DES cores offer a complete
solution to maintaining legacy DES functionality for modern
data encryption needs, offering a simple interface, no internal
or external memory usage, no external keyspace processing,
and
a
highly
efficient
design
offering
unparalleled
performance.
The CS5010 Ultra Compact DES/3DES and the CS5020
Compact DES/3DES Cores are designed to offer an efficient
yet high performance means of both DES and Triple DES
encryption/decryption, with the emphasis on reduced
resource usage.
The CS5030 High Speed DES/3DES Core offers an increased
data throughput in comparison to the Compact Cores, while
still achieving a highly efficient hardware implementation.
The CS5040 Ultra High Speed DES/3DES Core is designed to
provide a high performance solution while still achieving a
relatively low resource usage.
The Ultra Compact DES/3DES Core is capable of all DES
standard modes of operation. The use of these added modes
of operation on Compact, High Speed and Ultra High Speed
DES/3DES Cores is subject to conditions. For example, it is
impractical to use a fully pipelined DES core to perform CBC
mode, as the data throughput of the hardware would have to
be substantially reduced in order to support the feedback
XOR operation between output and input of the DES core.
All versions of the Amphion DES/3DES cores follow the block
diagram shown in Figure 3.
The DES/3DES cores are excellent complements to other
Amphion cores. For instance they can be combined with the
CS6650 MPEG-2 Decoder to rapidly construct a secure patient
monitoring system, and they can be combined with the
CS4191 ADPCM codec to achieve secure, high speed, high
channel-count speech processing in Voice-over-Packet (VoP)
systems.
The Amphion encryption/decryption cores are also an
excellent choice for VPN security ICs incorporated into
broadband switches, routers, firewalls and remote access
concentrators. Likewise, the cores are an ideal fit for the
Secure Socket Layer (SSL) channel ICs used in Web servers,
WAP gateways and other access applications requiring a high
number of parallel SSL channels to carry out eCommerce.
Figure 3: Block Diagram of DES/3DES Cores
Ciphertext/
Plaintext
Control Logic
Input
Buffer
Key
Scheduler
Key
Buffer
Key
Plaintext/
Ciphertext
DES Round
Transformations
Output
Buffer



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com