Electronic Components Datasheet Search
  English  ▼

X  

BT136 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BT136
Description  Triacs logic level
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT136 Datasheet(HTML) 2 Page - NXP Semiconductors

  BT136 Datasheet HTML 1Page - NXP Semiconductors BT136 Datasheet HTML 2Page - NXP Semiconductors BT136 Datasheet HTML 3Page - NXP Semiconductors BT136 Datasheet HTML 4Page - NXP Semiconductors BT136 Datasheet HTML 5Page - NXP Semiconductors BT136 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BT136B series
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance
full cycle
-
-
3.0
K/W
junction to mounting base
half cycle
-
-
3.7
K/W
R
th j-a
Thermal resistance
minimum footprint, FR4 board
-
55
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BT136B-
...
...F
...G
I
GT
Gate trigger current
V
D = 12 V; IT = 0.1 A
T2+ G+
-
5
35
25
50
mA
T2+ G-
-
8
35
25
50
mA
T2- G-
-
11
35
25
50
mA
T2- G+
-
30
70
70
100
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
T2+ G+
-
7
20
20
30
mA
T2+ G-
-
16
30
30
45
mA
T2- G-
-
5
20
20
30
mA
T2- G+
-
7
30
30
45
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
-
5
15
15
30
mA
V
T
On-state voltage
I
T = 5 A
-
1.4
1.70
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.7
1.5
V
V
D = 400 V; IT = 0.1 A;
0.25
0.4
-
V
T
j = 125 ˚C
I
D
Off-state leakage current
V
D = VDRM(max);
-
0.1
0.5
mA
T
j = 125 ˚C
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BT136B-
...
...F
...G
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max);
100
50
200
250
-
V/
µs
off-state voltage
T
j = 125 ˚C; exponential
waveform; gate open
circuit
dV
com/dt
Critical rate of change of
V
DM = 400 V; Tj = 95 ˚C;
-
-
10
50
-
V/
µs
commutating voltage
I
T(RMS) = 4 A;
dI
com/dt = 1.8 A/ms; gate
open circuit
t
gt
Gate controlled turn-on
I
TM = 6 A; VD = VDRM(max);-
-
-
2
-
µs
time
I
G = 0.1 A; dIG/dt = 5 A/µs
October 1997
2
Rev 1.100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com