Electronic Components Datasheet Search
  English  ▼

X  

HMC1001 Datasheet(PDF) 13 Page - Honeywell Solid State Electronics Center

Part # HMC1001
Description  1- and 2-Axis Magnetic Sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HMC1001 Datasheet(HTML) 13 Page - Honeywell Solid State Electronics Center

Back Button HMC1001 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HMC1001 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HMC1001 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HMC1001 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HMC1001 Datasheet HTML 11Page - Honeywell Solid State Electronics Center HMC1001 Datasheet HTML 12Page - Honeywell Solid State Electronics Center HMC1001 Datasheet HTML 13Page - Honeywell Solid State Electronics Center HMC1001 Datasheet HTML 14Page - Honeywell Solid State Electronics Center HMC1001 Datasheet HTML 15Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LINEAR MAGNETIC FIELD SENSORS
13
Figure 20—Two-Axis Sensor With Set/Reset Circuit and Digital Interface
* R1-R4 used to trim offest
# provides 1KHz rolloff
Magnetic
SensorS
25K
LM440
2.5V
+5V
1.6
16
20
SR
0.2µF
4.7µF
tantalum
1K
25K
3
4
2
1
5,6
7,8
0.1µF
Set
Rst
Rst
Signal should be in Rst
state when idle
5V
Signal input
Manual Switch
2
3
12V
0.22µF
1
7
5
Vcc
SHDN
GND
C1-
C1+
Vout
4
C2+
C2-
0.22µF
6
+5V
8
MAX662A
+
+
4.7µF
0.1µF
4.7µF
+
1.5nF#
650
R3*
R4*
-
+
AMP04
1
8
6
5
2
3
V+
11
8,13
9
12
+5V
14
7,18
1.6
1.5nF#
650
R1*
R2*
-
+
AMP04
HMC1002
1
8
6
5
2
3
V+
4
1,6
5
2
+5V
Vref
Vref
AIN0
AIN1
Ref+
Ref-
CLK
DIN
DOUT
NCS
EOC
1
2
14
13
18
17
16
15
19
TLC2543
12 bit A/D
10
Gnd
V+
20
+5V
X
Y
Figure 21—Three-Axis Low Cost Magnetic Sensor
0.1 F
Vb
S/R strap
NDC7001 or
equiv.
-
+
Vr ef
+5V
1 F
200
+5V
1 00K
1 00K
0.1uF
-
+
Magnetic
Sensors
S/R straps
0.1 F
0.1 F
4052
0X
1X
2X
3X
X
Output
Sel2
Sel1
S/R
A B
S/R Control
HMC1001
-
+
Vb
Vref
-
+
+
-
Vref
LM324c
Vref
LM324b
Vb
+
-
Vref
LM324a
+
-
Vref
LM324d
Vref
Magnetic
Sensors
Magnetic
Sensor
0.1
µF
0.1
µF
0.1
µF
1
µF
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com