Electronic Components Datasheet Search
  English  ▼

X  

HT1612 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1612
Description  Timer with Dialer Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1612 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1612 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Electrical Characteristics
(FOSC=32768Hz, Ta=25
°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Condition
VDD
Operating Voltage
—
—
1.2
1.5
1.7
V
VIL
Input Low Voltage
1.2V~1.7V
—
VSS
—0.2VDD
V
VIL
Input High Voltage
1.2V~1.7V
—
0.8VDD
—VDD
V
ISTB
Stand-by Current
1.5V
VHK=Floating
(or VDD)
—
0.1
1
µA
IDD
Operating Current
1.5V
No load
—
10
30
µA
IOL
Output Sink Current of
INT
1.5V
VO=0.3V
500
1000
—
µA
TA
Data Setup Time
1.5V
—
1
—
—
µs
TB
Data Hold On Time
1.5V
—
2
—
—
µs
TC
Inter Digit Time
1.5V
—
5
—
—
µs
TDB
Debounce Time
(HK, TMIER)
1.5V
—
—
31.25
–
ms
RHI
Pull-High Resistance
(HK , DI, SK)
1.5V
VIN=0V
—
1
—
M
Ω
RLO
Pull-Low Resistance
(TIMER)
1.5V
VTIMER=1.5V
—
5
—
M
Ω
FOSC
System Frequency
1.5V
Crystal=32768Hz
—
32768
—
Hz
HT1612
5
5th July ’95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com