Electronic Components Datasheet Search
  English  ▼

X  

LC78622NE Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC78622NE
Description  Compact Disc Player DSP
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78622NE Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC78622NE Datasheet HTML 17Page - Sanyo Semicon Device LC78622NE Datasheet HTML 18Page - Sanyo Semicon Device LC78622NE Datasheet HTML 19Page - Sanyo Semicon Device LC78622NE Datasheet HTML 20Page - Sanyo Semicon Device LC78622NE Datasheet HTML 21Page - Sanyo Semicon Device LC78622NE Datasheet HTML 22Page - Sanyo Semicon Device LC78622NE Datasheet HTML 23Page - Sanyo Semicon Device LC78622NE Datasheet HTML 24Page - Sanyo Semicon Device LC78622NE Datasheet HTML 25Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
No. 6015-21/31
LC78622NE
18. Interpolation Circuit
Outputting incorrect audio data that could not be corrected by the error detection and correction circuit would result
in loud noises being output. To minimize this noise, the LC78622NE replaces the incorrect data with linearly
interpolated data based on the correct data on either side of the incorrect data. If one set of C2 flags indicate errors,
the above replacement is performed, and if two or more sets of C2 flags indicate errors, the IC holds the previous
value. However, when correct data is output following two or more consecutive C2 flags indicating errors, the data
point between the correct data and the data output two points previously (the held value) is replaced with a value
computed by linearly interpolating those two values.
19. General-Purpose I/O Ports; Pin 24: CONT1, Pin 25: CONT2, Pin 26: CONT3, Pin 27: CONT4, Pin 28: CONT5, Pin
29: EMPH/CONT6, Pin 34: PCCL, Pin 35: MUTEL/CONT7, Pin 42: MUTER/CONT8
The LC78622NE provides five I/O ports CONT1 to CONT5 and three output ports CONT6 to CONT8. After a reset,
these five I/O ports are set to function as input pins and the three output ports are set to function as EMPH, MUTEL,
and MUTER pins, respectively. Unused I/O ports must be connected to ground set to function as input ports or set to
function as output ports.
The port information can be read out from the SQOUT pin in synchronization with the falling edge of the CQCK
signal in the order CONT1 to CONT5 by using the PORT READ command. When the pin WRQ enters ‘H’ level by
the subcode Q output while controlling general-purpose port, the data for the subcode Q should be invalid and
another subcode Q should be read out. This command has the 1-byte command format. Command control limited to
only the general-purpose ports is possible by using the PCCL pin setting, even during track check, track jump, and
internal MTR braking operations. When using the general-purpose port command control function during track
check and similar operations, set the PCCL pin high and input the desired general-purpose I/O ports commands
(codes $D9 through $DF). (Only the general-purpose I/O port commands are accepted when the PCCL pin is high.)
The PCCL pin must be set low to input a command other than a general-purpose I/O port command. However, if a
track check or other command is applied when the PCCL pin is at the low level, the operation that is being performed
will be interrupted. The state of the PCCL pin must only be changed when the RWC pin is low. However, it must not
be changed during subcode Q readout.
Note: When track checking, if the same number of desired tracks as general-purpose I/O port commands (codes
$D9 to $DF) is applied to with the PCCL held at ‘L’ level, general-purpose port command as well as track count
operation for desired track count will be executed. Therefore, the desired tarack count data should not be set to the
codes $D9 to $DF with the PCCL held at ‘L’ level when track checking.
Code
Command
RES = low
$DD
PORT READ
$DB
PORT I/O SET
PORT I SET
$DC
PORT OUTPUT SET
$D9
Enable the CONT6 function
$DA
Enable the EMPH function
q
q
$DE
Enable the CONT7 and CONT8 functions
$DF
Enable the MUTEL and MUTER functions
q
q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com