Electronic Components Datasheet Search
  English  ▼

X  

LT1977IFE Datasheet(PDF) 21 Page - Linear Technology

Part # LT1977IFE
Description  High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1977IFE Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1977IFE Datasheet HTML 16Page - Linear Technology LT1977IFE Datasheet HTML 17Page - Linear Technology LT1977IFE Datasheet HTML 18Page - Linear Technology LT1977IFE Datasheet HTML 19Page - Linear Technology LT1977IFE Datasheet HTML 20Page - Linear Technology LT1977IFE Datasheet HTML 21Page - Linear Technology LT1977IFE Datasheet HTML 22Page - Linear Technology LT1977IFE Datasheet HTML 23Page - Linear Technology LT1977IFE Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT1977
21
1977f
APPLICATIO S I FOR ATIO
tr = (VIN/1.1)ns
tf = (VIN/1.8)ns
tIR = tIF = (IOUT/0.05)ns
f = switch frequency
Example: with VIN = 12V, VOUT = 5V and IOUT = 1A:
Pe
e
TBD
W
PW
PW
SW
BOOST
Q
=
()( ) ( )
+
()()()( )(
)
+=
+
=
=
()
()
=
=
() + () =
−
03 1
5
12
57 6
1 2 1 12 500 3
0 04
0 125 0 172
0 297
51 32
12
0 002
12 0 0015
5 0 003
0 033
2
9
2
.
./
..
.
.
/
.
..
.
Total power dissipation is:
PTOT = 0.297 + 0.065 + 0.033 = 0.40W
Thermal resistance for the LT1977 package is influenced
by the presence of internal or backside planes. With a full
plane under the FE16 package, thermal resistance will be
about 45°C/W. No plane will increase resistance to about
150°C/W. To calculate die temperature, use the proper
thermal resistance number for the desired package and
add in worst-case ambient temperature:
TJ = TA + QJA (PTOT)
With the FE16 package (QJA = 45°C/W) at an ambient
temperature of 70°C:
TJ = 70 + 45(0.40) = 98°C
Input Voltage vs Operating Frequency Considerations
The absolute maximum input supply voltage for the LT1977
is specified at 60V. This is based solely on internal semi-
conductor junction breakdown effects. Due to internal
power dissipation the actual maximum VIN achievable in a
particular application may be less than this.
A detailed theoretical basis for estimating internal power
loss is given in the section Thermal Considerations. Note
that AC switching loss is proportional to both operating
frequency and output current. The majority of AC switch-
ing loss is also proportional to the square of input voltage.
For example, while the combination of VIN = 40V, VOUT =
5V at 1A and fOSC = 500kHz may be easily achievable, si-
multaneously raising VIN to 60V and fOSC to 700kHz is not
possible. Nevertheless, input voltage transients up to 60V
can usually be accommodated, assuming the resulting
increase in internal dissipation is of insufficient time dura-
tion to raise die temperature significantly.
A second consideration is control. A potential limitation
occurs with a high step-down ratio of VIN to VOUT, as this
requires a correspondingly narrow minimum switch on
time. An approximate expression for this (assuming con-
tinuous mode operation) is given as follows:
tON(MIN) = VOUT + VF/VIN(fOSC)
where:
VIN = input voltage
VOUT = output voltage
VF = Schottky diode forward drop
fOSC = switching frequency
A potential control problem arises if the LT1977 is called
upon to produce an on time shorter than it is able to
produce. Feedback loop action will lower then reduce the
VC control voltage to the point where some sort of cycle-
skipping or Burst Mode behavior is exhibited.
In summary:
1. Be aware that the simultaneous requirements of high
VIN, high IOUT and high fOSC may not be achievable in
practice due to internal dissipation. The Thermal Con-
siderations section offers a basis to estimate internal
power. In questionable cases a prototype supply should
be built and exercised to verify acceptable operation.
2. The simultaneous requirements of high VIN,lowVOUTand
high fOSC can result in an unacceptably short minimum
switch on time. Cycle skipping and/or Burst Mode be-
havior will result causing an increase in output voltage
ripple while maintaining the correct output voltage.
FREQUENCY COMPENSATION
Before starting on the theoretical analysis of frequency
response the following should be remembered—the worse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com