Electronic Components Datasheet Search
  English  ▼

X  

FS8170 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # FS8170
Description  2.5 GHz Low Power Phase-locked Loop IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8170 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button FS8170 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS8170 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
FS8170
Page 16
May 2003
Supply Voltage Dependence of Charge Pump Current
Fig. 8 – Charge pump current vs. supply voltage at V
DO = VP/2
2.22.4
2.62.8
3.03.2
3.4
3.6
3.84.0
4.2
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
Sink Current
Source Current
Low Current Mode (1.5mA mode)
V
DO
= 1/2 V
P
V
P
(V)
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
7.2
High Current Mode (6.0mA mode)
V
DO
= 1/2 V
P
V
P
(V)
Sink Current
Source Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com