Electronic Components Datasheet Search
  English  ▼

X  

SC1159 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1159
Description  Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1159 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1159 Datasheet HTML 5Page - Semtech Corporation SC1159 Datasheet HTML 6Page - Semtech Corporation SC1159 Datasheet HTML 7Page - Semtech Corporation SC1159 Datasheet HTML 8Page - Semtech Corporation SC1159 Datasheet HTML 9Page - Semtech Corporation SC1159 Datasheet HTML 10Page - Semtech Corporation SC1159 Datasheet HTML 11Page - Semtech Corporation SC1159 Datasheet HTML 12Page - Semtech Corporation SC1159 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1159
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
4
1V
R
D.
s
r
e
v
ir
D
T
E
F
S
O
M
e
h
t
r
o
f
r
o
t
a
l
u
g
e
R
e
v
ir
D
5
1V
2
1
N
I
V.l
i
a
r
r
e
w
o
p
V
2
1
o
t
t
c
e
n
n
o
C
.
y
l
p
p
u
S
V
2
1
6
1T
O
O
B
.r
e
v
ir
d
T
E
F
e
d
i
s
h
g
i
h
e
h
t
r
o
f
e
v
ir
d
g
n
it
a
o
lf
a
e
t
a
r
e
n
e
g
o
t
d
e
s
u
s
i
n
i
p
s
i
h
T
.
p
a
r
t
s
t
o
o
B
7
1R
D
H
G
I
H
.
T
E
F
S
O
M
e
d
i
s
h
g
i
h
f
o
e
t
a
g
o
t
t
c
e
n
n
o
C
.t
u
p
t
u
O
r
e
v
ir
D
e
d
i
S
h
g
i
H
8
1O
L
T
O
O
B
.
D
N
G
V
R
D
o
t
t
c
e
n
n
o
c
n
i
p
s
i
h
t
,
s
n
o
it
a
c
il
p
p
a
p
o
t
k
s
e
d
n
I
.
w
o
L
p
a
r
t
s
t
o
o
B
9
1E
S
N
E
S
I
H
a
f
o
e
d
i
s
t
u
p
n
i
e
h
t
r
o
,
T
E
F
e
d
i
s
h
g
i
h
e
h
t
f
o
n
i
a
r
d
e
h
t
o
t
d
e
t
c
e
n
n
o
C
.
e
s
n
e
S
t
n
e
r
r
u
C
h
g
i
H
.
T
E
F
e
d
i
s
h
g
i
h
e
h
t
d
n
a
t
u
p
n
i
e
h
t
n
e
e
w
t
e
b
r
o
t
s
i
s
e
r
e
s
n
e
s
t
n
e
r
r
u
c
0
2E
S
N
E
S
O
L
a
f
o
e
d
i
s
T
E
F
e
h
t
r
o
,
T
E
F
e
d
i
s
h
g
i
h
e
h
t
f
o
e
c
r
u
o
s
e
h
t
o
t
d
e
t
c
e
n
n
o
C
.
e
s
n
e
S
t
n
e
r
r
u
C
w
o
L
.
T
E
F
e
d
i
s
h
g
i
h
e
h
t
d
n
a
t
u
p
n
i
e
h
t
n
e
e
w
t
e
b
r
o
t
s
i
s
e
r
e
s
n
e
s
t
n
e
r
r
u
c
1
2O
L
T
U
O
I
e
h
t
n
o
e
g
a
tl
o
v
s
i
n
i
p
s
i
h
t
n
o
e
g
a
tl
o
V
.
g
e
l
m
o
tt
o
b
s
r
o
ti
c
a
p
a
c
g
n
il
p
m
a
s
e
h
t
s
i
s
i
h
T
.
n
o
s
i
T
E
F
e
d
i
s
h
g
i
h
e
h
t
n
e
h
w
n
i
p
E
S
N
E
S
O
L
2
2T
I
B
I
H
N
I
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
u
s
U
.
d
e
l
b
a
s
i
d
e
r
a
s
r
e
v
ir
d
T
E
F
S
O
M
e
h
t
,
d
e
d
n
u
o
r
g
s
i
n
i
p
s
i
h
t
fI
.t
i
b
i
h
n
I
.r
o
t
s
i
s
e
r
p
u
-l
l
u
p
a
h
g
u
o
r
h
t
V
5
+
3
25
2
D
I
V.
t
u
p
n
I
g
n
i
m
m
a
r
g
o
r
P
4
23
D
I
V.t
u
p
n
I
g
n
i
m
m
a
r
g
o
r
P
5
22
D
I
V.t
u
p
n
I
g
n
i
m
m
a
r
g
o
r
P
6
21
D
I
V.t
u
p
n
I
g
n
i
m
m
a
r
g
o
r
P
7
20
D
I
V.
t
u
p
n
I
g
n
i
m
m
a
r
g
o
r
P
8
2D
G
R
W
P
n
i
h
ti
w
s
i
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
fi
h
g
i
h
s
i
t
u
p
t
u
o
c
i
g
o
l
r
o
t
c
e
ll
o
c
n
e
p
o
s
i
h
T
.
d
o
o
G
r
e
w
o
P
.t
n
i
o
p
t
e
s
e
h
t
f
o
%
5
1
Pin Descriptions (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com