Electronic Components Datasheet Search
  English  ▼

X  

74HC4050 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC4050
Description  Hex non-inverting HIGH-to-LOW level shifter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4050 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC4050 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4050 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4050 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4050 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4050 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4050 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4050 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4050 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4050 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Nexperia
74HC4050
Hex non-inverting HIGH-to-LOW level shifter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC = 2.0 V; VI = 2.0 V
-
-
625
ns/V
VCC = 4.5 V; VI = 4.5 V
-
1.67
139
ns/V
VCC = 6.0 V; VI = 6.0 V
-
-
83
ns/V
VCC = 6.0 V; VI = 10.0 V
-
-
81
ns/V
Δt/ΔV
input transition rise and fall rate
VCC = 6.0 V; VI = 15.0 V
-
-
83
ns/V
9. Static characteristics
Table 6. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
VCC = 2.0 V
1.5
1.3
-
1.5
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
3.15
-
V
VIH
HIGH-level
input voltage
VCC = 6.0 V
4.2
3.1
-
4.2
-
4.2
-
V
VCC = 2.0 V
-
0.7
0.5
-
0.5
-
0.5
V
VCC = 4.5 V
-
1.8
1.35
-
1.35
-
1.35
V
VIL
LOW-level
input voltage
VCC = 6.0 V
-
2.3
1.8
-
1.8
-
1.8
V
VI = VIH or VIL
IO = -20 μA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = -20 μA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = -20 μA; VCC = 6.0 V
5.9
6.0
-
5.9
-
5.9
-
V
IO = -4.0 mA; VCC = 4.5 V
3.98
-
-
3.84
-
3.7
-
V
VOH
HIGH-level
output voltage
IO = -5.2 mA; VCC = 6.0 V
5.48
-
-
5.34
-
5.2
-
V
VI = VIH or VIL
IO = 20 μA; VCC = 2.0 V
-
-
0.1
-
0.1
-
0.1
V
IO = 20 μA; VCC = 4.5 V
-
-
0.1
-
0.1
-
0.1
V
IO = 20 μA; VCC = 6.0 V
-
-
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
-
0.26
-
0.33
-
0.4
V
VOL
LOW-level
output voltage
IO = 5.2 mA; VCC = 6.0 V
-
-
0.26
-
0.33
-
0.4
V
VI = VCC or GND; VCC = 6.0 V
-
-
±0.1
-
±1.0
-
±1.0
μA
II
input leakage
current
VI = 15 V; VCC = 2.0 V to 6.0 V
-
-
±0.5
-
±5.0
-
±5.0
μA
ICC
supply current VI = 15 V or GND; IO = 0 A;
VCC = 6.0 V
-
-
2.0
-
20
-
40
μA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
74HC4050
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 3 August 2021
4 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com