Electronic Components Datasheet Search
  English  ▼

X  

74HC4052 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC4052
Description  Dual 4-channel analog multiplexer/demultiplexer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4052 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC4052 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Nexperia
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC4052D
74HCT4052D
-40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC4052PW
74HCT4052PW
-40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HC4052BQ
74HCT4052BQ
-40 °C to +125 °C
DHVQFN16 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 16 terminals;
body 2.5 × 3.5 × 0.85 mm
SOT763-1
74HC4052BZ
74HCT4052BZ
-40 °C to +125 °C
DHXQFN16 plastic, leadless dual in-line compatible thermal
enhanced extreme thin quad flat package;
no leads; 16 terminals; 0.4 mm pitch;
body 2 mm × 2.4 mm × 0.48 mm
SOT8016-1
5. Functional diagram
001aah824
1Z
13
S0
S1
E
10
9
6
2Z
3
2Y3
2Y2
2Y1
2Y0
1Y3
1Y2
1Y1
1Y0
4
2
5
1
11
15
14
12
Fig. 1. Logic symbol
001aah825
1
0
G4
MDX
0
3
4 ×
3
2
1
0
4
2
5
1
11
15
14
12
10
9
6
3
13
Fig. 2. IEC logic symbol
mnb043
from
logic
VCC
VEE
VEE
VCC
VCC
VEE
nYn
nZ
VCC
Fig. 3. Schematic diagram (one switch)
74HC_HCT4052
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 14 — 9 February 2023
2 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com