Electronic Components Datasheet Search
  English  ▼

X  

74HC7014 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC7014
Description  Hex non-inverting precision Schmitt-trigger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC7014 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC7014 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC7014 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC7014 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC7014 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC7014 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC7014 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC7014 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC7014 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC7014 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Nexperia
74HC7014
Hex non-inverting precision Schmitt-trigger
5. Functional diagram
aaa-012607
1A
1Y
2
1
2A
2Y
4
3
3A
3Y
6
5
4A
4Y
8
9
5A
5Y
10
11
6A
6Y
12
13
Fig. 1. Logic symbol
aaa-012609
1
2
3
4
5
6
9
8
11
10
13
12
Fig. 2. IEC logic symbol
aaa-012611
A
Y
Fig. 3. Logic diagram (one gate)
6. Pinning information
6.1. Pinning
74HC7014
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
aaa-012606
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 4. Pin configuration (SOT108-1) SO14
6.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1A, 2A, 3A, 4A, 5A, 6A
1, 3, 5, 9, 11, 13
data input
1Y, 2Y, 3,Y, 4Y, 5Y, 6Y
2, 4, 6, 8, 10, 12
data output
GND
7
ground (0 V)
VCC
14
supply voltage
74HC7014
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 5 — 7 July 2022
2 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com