Electronic Components Datasheet Search
  English  ▼

X  

74HC11 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC11
Description  Triple 3-input AND gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC11 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC11 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC11 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC11 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC11 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC11 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC11 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC11 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC11 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC11 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Nexperia
74HC11; 74HCT11
Triple 3-input AND gate
4. Functional diagram
mna793
3Y
3C
11
3B
10
3A
9
2C
5
2B
4
2A
3
1C
13
1B
2
1A
1
8
2Y
6
1Y
12
Fig. 1. Logic symbol
mna792
12
&
&
&
6
8
13
2
1
5
4
3
11
10
9
Fig. 2. IEC logic symbol
mna794
A
B
C
Y
Fig. 3. Logic diagram for one gate
5. Pinning information
5.1. Pinning
74HC11
74HCT11
1A
VCC
1B
1C
2A
1Y
2B
3C
2C
3B
2Y
3A
GND
3Y
001aal407
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 4. Pin configuration SOT108-1 (SO14)
74HC11
74HCT11
1A
VCC
1B
1C
2A
1Y
2B
3C
2C
3B
2Y
3A
GND
3Y
001aal408
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 5. Pin configuration SOT402-1 (TSSOP14)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1A, 2A, 3A
1, 3, 9
data input
1B, 2B, 3B
2, 4, 10
data input
GND
7
ground (0 V)
1C, 2C, 3C
13, 5, 11
data input
1Y, 2Y, 3Y
12, 6, 8
data output
VCC
14
supply voltage
74HC_HCT11
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 11 August 2021
2 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com