Electronic Components Datasheet Search
  English  ▼

X  

74HC11D Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74HC11D
Description  Triple 3-input AND gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC11D Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HC11D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Nexperia
74HC11; 74HCT11
Triple 3-input AND gate
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
ΔICC
additional
supply current
per input pin;
VI = VCC - 2.1 V; IO = 0 A;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V
-
100
360
-
450
-
490
μA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
10. Dynamic characteristics
Table 7. Dynamic characteristics
GND = 0 V; CL = 50 pF; for test circuit see Fig. 7.
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
74HC11
nA, nB to nY; see Fig. 6
[1]
VCC = 2.0 V
-
32
100
-
125
-
150
ns
VCC = 4.5 V
-
12
20
-
25
-
30
ns
VCC = 5.0 V; CL = 15 pF
-
9
-
-
-
-
-
ns
tpd
propagation
delay
VCC = 6.0 V
-
10
17
-
21
-
26
ns
see Fig. 6
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tt
transition time
VCC = 6.0 V
-
6
13
-
16
-
19
ns
CPD
power dissipation
capacitance
per package;
VI = GND to VCC
[3]
-
18
-
-
-
-
-
pF
74HCT11
nA, nB to nY; see Fig. 6
[1]
VCC = 4.5 V
-
16
24
-
30
-
36
ns
tpd
propagation
delay
VCC = 5.0 V; CL = 15 pF
-
11
-
-
-
-
-
ns
tt
transition time
VCC = 4.5 V; see Fig. 6
[2]
-
7
15
-
19
-
22
ns
CPD
power dissipation
capacitance
per package;
VI = GND to VCC - 1.5 V
[3]
-
20
-
-
-
-
-
pF
[1] tpd is the same as tPHL and tPLH.
[2] tt is the same as tTHL and tTLH.
[3] CPD is used to determine the dynamic power dissipation (PD in μW):
PD = CPD x VCC 2 x fi x N + Σ(CL x VCC 2 x fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL x VCC 2 x fo) = sum of outputs.
74HC_HCT11
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 11 August 2021
5 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com