Electronic Components Datasheet Search
  English  ▼

X  

1902A Datasheet(PDF) 2 Page - Belden Inc.

Part # 1902A
Description  Audio Snake Cable, #24-2pr, BC, Indiv. Shielded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1902A Datasheet(HTML) 2 Page - Belden Inc.

  1902A Datasheet HTML 1Page - Belden Inc. 1902A Datasheet HTML 2Page - Belden Inc. 1902A Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
26.1 pF/ft
47.5 pF/ft
Inductance
Nominal Inductance
0.18 µH/ft
Impedance
Nominal Characteristic Impedance
60 Ohm
Delay
Nominal Velocity of Propagation (VP) [%]
66%
Current
Max. Recommended Current [A]
1.05 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Operating Temperature Range:
-20°C To +60°C
Mechanical Characteristics
Bulk Cable Weight:
48 lbs/1000ft
Max. Pull Tension:
58 lbs
Min. Bend Radius/Minor Axis:
3.5 in
Standards
CPR Euroclass:
Eca
Applicable Environmental and Other Programs
Environmental Space:
Indoor (Not Riser or Plenum)
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment):
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
No
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Indoor:
Yes
Flammability, LS0H, Toxicity Testing
IEC Flammability:
IEC 60332-1-2
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
No
Related Part Numbers
Variants
Item #
Color
Put-Up Type Length
UPC
1902A B59250
Black, Matte Reel
250 ft
612825126140
1902A B59500
Black, Matte Reel
500 ft
612825126157
1902A B591000 Black, Matte Reel
1,000 ft 612825126133



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com