Electronic Components Datasheet Search
  English  ▼

X  

BT136 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BT136
Description  Triacs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT136 Datasheet(HTML) 4 Page - NXP Semiconductors

  BT136 Datasheet HTML 1Page - NXP Semiconductors BT136 Datasheet HTML 2Page - NXP Semiconductors BT136 Datasheet HTML 3Page - NXP Semiconductors BT136 Datasheet HTML 4Page - NXP Semiconductors BT136 Datasheet HTML 5Page - NXP Semiconductors BT136 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BT136B series
Fig.7. Normalised gate trigger current
I
GT(Tj)/ IGT(25˚C), versus junction temperature Tj.
Fig.8. Normalised latching current I
L(Tj)/ IL(25˚C),
versus junction temperature T
j.
Fig.9. Normalised holding current I
H(Tj)/ IH(25˚C),
versus junction temperature T
j.
Fig.10. Typical and maximum on-state characteristic.
Fig.11. Transient thermal impedance Z
th j-mb, versus
pulse width t
p.
Fig.12. Typical commutation dV/dt versus junction
temperature, parameter commutation dI
T/dt. The triac
should commutate when the dV/dt is below the value
on the appropriate curve for pre-commutation dI
T/dt.
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
BT136
Tj / C
T2+ G+
T2+ G-
T2- G-
T2- G+
IGT(Tj)
IGT(25 C)
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
BT136
VT / V
IT / A
Tj = 125 C
Tj = 25 C
typ
max
Vo = 1.27 V
Rs = 0.091 ohms
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
TRIAC
Tj / C
IL(Tj)
IL(25 C)
10us
0.1ms
1ms
10ms
0.1s
1s
10s
0.01
0.1
1
10
BT136
tp / s
Zth j-mb (K/W)
unidirectional
bidirectional
t
p
P
t
D
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
TRIAC
Tj / C
IH(Tj)
IH(25C)
0
50
100
150
1
10
100
1000
1.8
3
Tj / C
dIcom/dt = 5.1
3.9
2.3
dVcom/dt (V/us)
A/ms
1.4
off-state dV/dt limit
BT136...G SERIES
BT136 SERIES
BT136...F SERIES
October 1997
4
Rev 1.100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com