Electronic Components Datasheet Search
  English  ▼

X  

L8C201 Datasheet(PDF) 22 Page - LOGIC Devices Incorporated

Part # L8C201
Description  512/1K/2K/4K x 9-bit Asynchronous FIFO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L8C201 Datasheet(HTML) 22 Page - LOGIC Devices Incorporated

Back Button L8C201 Datasheet HTML 14Page - LOGIC Devices Incorporated L8C201 Datasheet HTML 15Page - LOGIC Devices Incorporated L8C201 Datasheet HTML 16Page - LOGIC Devices Incorporated L8C201 Datasheet HTML 17Page - LOGIC Devices Incorporated L8C201 Datasheet HTML 18Page - LOGIC Devices Incorporated L8C201 Datasheet HTML 19Page - LOGIC Devices Incorporated L8C201 Datasheet HTML 20Page - LOGIC Devices Incorporated L8C201 Datasheet HTML 21Page - LOGIC Devices Incorporated L8C201 Datasheet HTML 22Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
DEVICES INCORPORATED
L8C201/202/203/204
512/1K/2K/4K x 9-bit Asynchronous FIFO
22
FIFO Products
03/04/99–LDS.8C201/2/3/4-H
Speed
25 ns
15 ns
12 ns
10 ns
25 ns
15 ns
12 ns
10 ns
40 ns
30 ns
20 ns
40 ns
30 ns
20 ns
–40°C to +85°C — COMMERCIAL SCREENING
–55°C to +125°C — COMMERCIAL SCREENING
–55°C to +125°C — MIL-STD-883 COMPLIANT
0°C to +70°C — COMMERCIAL SCREENING
32-pin — 0.490" x 0.590"
31
1
3
4
29
28
27
26
25
24
23
22
21
30
20
19
14 15
17
5
6
7
8
9
10
11
12
13
Top
View
D2
D1
D0
XI
FF
Q0
Q1
NC
Q2
D6
D7
NC
FL/RT
RS
EF
XO/HF
Q7
Q6
2
16
32
18
L8C204 — ORDERING INFORMATION
Plastic J-Lead Chip Carrier
(J6)
L8C204JC25
L8C204JC15
L8C204JC12
L8C204JC10
L8C204JI25
L8C204JI15
L8C204JI12
L8C204JI10
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
W
D8
D3
D2
D1
D0
XI
FF
Q0
Q1
Q2
Q3
Q8
GND
VCC
D4
D5
D6
D7
FL/RT
RS
EF
XO/HF
Q7
Q6
Q5
Q4
R
Ceramic Flatpack
(M2)
L8C204MM40
L8C204MM30
L8C204MM20
L8C204MMB40
L8C204MMB30
L8C204MMB20
28-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com