Electronic Components Datasheet Search
  English  ▼

X  

LT1055AMH Datasheet(PDF) 6 Page - Linear Technology

Part # LT1055AMH
Description  Precision, High Speed, JFET Input Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055AMH Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1055AMH Datasheet HTML 2Page - Linear Technology LT1055AMH Datasheet HTML 3Page - Linear Technology LT1055AMH Datasheet HTML 4Page - Linear Technology LT1055AMH Datasheet HTML 5Page - Linear Technology LT1055AMH Datasheet HTML 6Page - Linear Technology LT1055AMH Datasheet HTML 7Page - Linear Technology LT1055AMH Datasheet HTML 8Page - Linear Technology LT1055AMH Datasheet HTML 9Page - Linear Technology LT1055AMH Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1055/LT1056
SUPPLY VOLTAGE (V)
0
4
6
±20
LT1055/56 G25
2
0
±5
±10
±15
8
TA = –55°C
TA = 125°C
TA = –55°C
TA = 125°C
LT1056
LT1055
25°C
25°C
LOAD RESISTANCE (k
Ω)
0.1
0.3
–15
–9
–12
–3
–6
3
0
9
6
13
10
LT1055/56 G26
15
12
TA = –25°C
TA = –125°C
TA = –55°C
TA = –55°C
TA = –25°C
TA = –125°C
VS = ±15V
TYPICAL PERFORMANCE CHARACTERISTICS
LT1055 Settling Time
SETTLING TIME (µS)
0
0
LT1055/56 G19
–5
–10
1
2
5
10
3
10mV
10mV
0.5mV
1mV
5mV
5mV 2mV
1mV 0.5mV
VS = ±15V
TA = 25°C
2mV
Power Supply Rejection Ratio vs
Frequency
FREQUENCY (Hz)
10
80
100
120
10k
1M
LT1055/56 G24
60
40
100
1k
100k
10M
20
0
140
TA = 25°C
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
Common-Mode Range vs
Temperature
TEMPERATURE (°C)
–50
–15
–14
–12
–11
±10
15
12
0
50
100
LT1055/56 G21
–13
13
14
11
VS = ±15V
≈
≈
SETTLING TIME (µS)
0
0
LT1055/56 G20
–5
–10
1
2
5
10
3
10mV
10mV
2mV
0.5mV
1mV
5mV
5mV
2mV
1mV
0.5mV
VS = ±15V
TA = 25°C
LT1056 Settling Time
TEMPERATURE (˚C)
110
120
25
75
LT1055/56 G22
100
–25
125
90
VS = ±10V TO ±17V FOR PSRR
VS = ±15V, VCM = ±10.5V FOR CMRR
CMRR
PSRR
Common-Mode and Power Supply
Rejections vs Temperature
Common-Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
10
0
20
40
60
80
120
100
1k
10k
100k
LT1055/56 G23
1M
10M
100
VS = ±15V
TA = 25°C
Short-Circuit Current vs Time
TIME FROM OUTPUT SHORT TO GROUND
(MINUTES)
0
–50
–40
–20
–10
0
50
20
1
2
LT1055/56 G27
–30
30
40
10
3
TA = –55°C
TA = 25°C
TA = 125°C
TA = 125°C
TA = 25°C
TA = –55°C
SINKING
VS = ±15V
Output Swing vs Load Resistance
Supply Current vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com