Electronic Components Datasheet Search
  English  ▼

X  

74HC03D Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC03D
Description  Quad 2-input NAND gate; open-drain output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC03D Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC03D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74HC03; 74HCT03
Quad 2-input NAND gate; open-drain output
Rev. 6 — 10 August 2021
Product data sheet
1. General description
The 74HC03; 74HCT03 is a quad 2-input NAND gate with open-drain outputs. Inputs include clamp
diodes that enable the use of current limiting resistors to interface inputs to voltages in excess of
VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Input levels:
• For 74HC03: CMOS level
• For 74HCT03: TTL level
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC03D
74HCT03D
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74HC03PW
74HCT03PW
-40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1


Similar Part No. - 74HC03D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC03D PHILIPS-74HC03D Datasheet
55Kb / 8P
Quad 2-input NAND gate
December 1990
logo
Toshiba Semiconductor
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
Nexperia B.V. All right...
74HC03D NEXPERIA-74HC03D Datasheet
169Kb / 14P
Quad 2-input NAND gate; open-drain output
Rev. 4 27 November 2015
74HC03D-Q100 NEXPERIA-74HC03D-Q100 Datasheet
708Kb / 14P
Quad 2-input NAND gate
logo
NXP Semiconductors
74HC03DB PHILIPS-74HC03DB Datasheet
58Kb / 8P
Quad 2-input NAND gate
December 1990
More results

Similar Description - 74HC03D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-1999
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
158Kb / 8P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-2001
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
232Kb / 9P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jan-1993
M74HC03 STMICROELECTRONICS-M74HC03 Datasheet
179Kb / 8P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jul-2001
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
Quad 2-Input NAND Gate (Open Drain)
logo
Toshiba Semiconductor
TC74VHC03F TOSHIBA-TC74VHC03F_07 Datasheet
276Kb / 9P
Quad 2-Input NAND Gate (open drain)
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03_04 Datasheet
232Kb / 11P
QUAD 2-INPUT OPEN DRAIN NAND GATE
12-Nov-2004
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
Quad 2-Input NAND Gate (open drain)
TC74VHC03F TOSHIBA-TC74VHC03F_12 Datasheet
245Kb / 8P
Quad 2-Input NAND Gate (open drain)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com