Electronic Components Datasheet Search
  English  ▼

X  

74HC137 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC137
Description  3-to-8 line decoder, demultiplexer with address latches; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC137 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC137 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC137 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC137 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC137 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC137 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC137 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC137 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC137 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC137 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
74HC137
3-to-8 line decoder, demultiplexer with address latches;
inverting
Rev. 5 — 4 August 2021
Product data sheet
1. General description
The 74HC137 decodes three binary weighted address inputs (A0, A1 and A2) to eight mutually
exclusive outputs (Y0 to Y7). The device features a latch enable (LE) and two output enable (E1,
E2) inputs. A LOW on LE causes the device to act as an active LOW decoder. A LOW-to HIGH
transition on LE stores the data that was present before the transition in the latches. Further
address changes are ignored as long as LE remains HIGH.
The output enable inputs control the state of the outputs independently of the address inputs or
latch operation. All outputs will be HIGH unless E1 is LOW and E2 is HIGH.
Inputs include clamp diodes. This enables the use of current limiting resistors to interface inputs to
voltages in excess of VCC.
2. Features and benefits
• Combines 3-to-8 decoder with 3-bit latch
• Multiple input enable for easy expansion or independent controls
• Active LOW mutually exclusive outputs
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +80 °C and from -40 °C to +125 °C.
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range
Name
Description
Version
74HC137D
-40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC137DB
-40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HC137PW
-40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package;
16 leads; body width 4.4 mm
SOT403-1


Similar Part No. - 74HC137

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137 Datasheet
72Kb / 8P
3-to-8 line decoder/demultiplexer with address latches; inverting
December 1990
74HC137D PHILIPS-74HC137D Datasheet
107Kb / 19P
3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137DB PHILIPS-74HC137DB Datasheet
107Kb / 19P
3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
More results

Similar Description - 74HC137

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
3-to-8 line decoder/demultiplexer with address latches
December 1990
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137_1 Datasheet
72Kb / 8P
3-to-8 line decoder/demultiplexer with address latches; inverting
December 1990
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC137 PHILIPS-74HC137_15 Datasheet
114Kb / 19P
3-to-8 line decoder, demultiplexer with address latches; inverting
Rev. 03-11 November 2004
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com