Electronic Components Datasheet Search
  English  ▼

X  

74HC151D Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC151D
Description  8-input multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC151D Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC151D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC151D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC151D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC151D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC151D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC151D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC151D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC151D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC151D Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Nexperia
74HC151; 74HCT151
8-input multiplexer
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Fig. 6.
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter Conditions
Min Typ Max
Min
Max
Min
Max
Unit
74HC151
In to Y; see Fig. 4
[1]
VCC = 2.0 V
-
52
170
-
215
-
255
ns
VCC = 4.5 V
-
19
34
-
43
-
51
ns
VCC = 5 V; CL = 15 pF
-
17
-
-
-
-
-
ns
VCC = 6.0 V
-
15
29
-
37
-
43
ns
In to Y; see Fig. 4
[1]
VCC = 2.0 V
-
58
185
-
230
-
280
ns
VCC = 4.5 V
-
21
37
-
46
-
56
ns
VCC = 5 V; CL = 15 pF
-
17
-
-
-
-
-
ns
VCC = 6.0 V
-
17
31
-
39
-
48
ns
Sn to Y; see Fig. 5
[1]
VCC = 2.0 V
-
61
185
-
230
-
280
ns
VCC = 4.5 V
-
22
37
-
46
-
56
ns
VCC = 5 V; CL = 15 pF
-
19
-
-
-
-
-
ns
VCC = 6.0 V
-
18
31
-
39
-
48
ns
Sn to Y; see Fig. 5
[1]
VCC = 2.0 V
-
61
205
-
255
-
310
ns
VCC = 4.5 V
-
22
41
-
51
-
62
ns
VCC = 5 V; CL = 15 pF
-
19
-
-
-
-
-
ns
VCC = 6.0 V
-
18
35
-
43
-
53
ns
E to Y; see Fig. 5
VCC = 2.0 V
-
41
125
-
155
-
190
ns
VCC = 4.5 V
-
15
25
-
31
-
38
ns
VCC = 5 V; CL = 15 pF
-
12
-
-
-
-
-
ns
VCC = 6.0 V
-
12
21
-
26
-
32
ns
E to Y; see Fig. 5
VCC = 2.0 V
-
47
145
-
180
-
220
ns
VCC = 4.5 V
-
17
29
-
36
-
44
ns
VCC = 5 V; CL = 15 pF
-
14
-
-
-
-
-
ns
tpd
propagation
delay
VCC = 6.0 V
-
14
25
-
31
-
38
ns
Y, Y; see Fig. 4
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tt
transition
time
VCC = 6.0 V
-
6
13
-
16
-
19
ns
CPD
power
dissipation
capacitance
CL = 50 pF; f = 1 MHz;
VI = GND to VCC
[3] -
40
-
-
-
-
-
pF
74HC_HCT151
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 10 — 19 October 2022
7 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com