Electronic Components Datasheet Search
  English  ▼

X  

74HC191 Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74HC191
Description  Presettable synchronous 4-bit binary up/down counter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC191 Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74HC191 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC191 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC191 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC191 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC191 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC191 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC191 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC191 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC191 Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Nexperia
74HC191
Presettable synchronous 4-bit binary up/down counter
aaa-024389
VOH
VOL
VM
VI
VI
GND
GND
tTLH
tTHL
VM
VM
tW
trec
tPHL
10 %
10 %
90 %
90 %
Qn output
PL input
CP input
Measurement points are given in Table 9.
Logic levels VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 15. The parallel load input (PL) to clock (CP) recovery times, parallel load pulse width and output (Qn)
transition times
aaa-024391
GND
GND
Vl
VM
CP input
GND
VM
VM
CE, U/D input
CE, U/D input
Vl
Vl
tsu
th
th
tsu
Measurement points are given in Table 9.
The shaded areas indicate when the input is permitted to change for predictable output performance.
Fig. 16. The count enable and up/down count inputs (CE, U/D) to clock input (CP) set-up and hold times
74HC191
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 8 September 2021
12 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com