Electronic Components Datasheet Search
  English  ▼

X  

74HC191D Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74HC191D
Description  Presettable synchronous 4-bit binary up/down counter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC191D Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74HC191D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC191D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC191D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC191D Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC191D Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC191D Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC191D Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC191D Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HC191D Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Nexperia
74HC191
Presettable synchronous 4-bit binary up/down counter
aaa-024390
VM
GND
Dn input
GND
th
PL input
VM
tsu
tsu
th
Vl
Vl
Measurement points are given in Table 9.
The shaded areas indicate when the input is permitted to change for predictable output performance.
Fig. 17. The parallel load input (PL) to data input (Dn) set-up and hold times
Table 9. Measurement points
Input
Output
VM
VI
VM
0.5 x VCC
GND to VCC
0.5 x VCC
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Test data is given in Table 10.
Test circuit definitions:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator
CL = Load capacitance including jig and probe capacitance
RL = Load resistance.
S1 = Test selection switch
Fig. 18. Test circuit for measuring switching times
Table 10. Test data
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
VCC
6 ns
15 pF, 50 pF
1 kΩ
open
74HC191
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 8 September 2021
13 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com