Electronic Components Datasheet Search
  English  ▼

X  

74HC1G66GV Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC1G66GV
Description  Single-pole single-throw analog switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC1G66GV Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC1G66GV Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Nexperia
74HC1G66; 74HCT1G66
Single-pole single-throw analog switch
4. Marking
Table 2. Marking codes
Type number
Marking
74HC1G66GW
HL
74HCT1G66GW
TL
74HC1G66GV
H66
74HCT1G66GV
T66
5. Functional diagram
001aag487
E
Z
Y
Fig. 1. Logic symbol
001aah372
E
Y
Z
Fig. 2. Logic diagram
6. Pinning information
6.1. Pinning
74HC1G66
74HCT1G66
Y
VCC
Z
GND
E
001aaf185
1
2
3
5
4
Fig. 3. Pin configuration SOT353-1 (TSSOP5) and SOT753 (SC-74A)
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
Y
1
independent input or output
Z
2
independent input or output
GND
3
ground (0 V)
E
4
enable input (active HIGH)
VCC
5
supply voltage
74HC_HCT1G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 5 — 27 January 2022
2 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com