Electronic Components Datasheet Search
  English  ▼

X  

74HC237 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC237
Description  3-to-8 line decoder, demultiplexer with address latches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC237 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC237 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC237 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC237 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC237 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC237 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC237 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC237 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC237 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC237 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
74HC237
3-to-8 line decoder, demultiplexer with address latches
Rev. 8 — 26 October 2021
Product data sheet
1. General description
The 74HC237 is a 3-to-8 line decoder, demultiplexer with latches at the three address inputs (An).
The 74HC237 essentially combines the 3-to-8 decoder function with a 3-bit storage latch. When
the latch is enabled (LE = LOW), the 74HC237 acts as a 3-to-8 active LOW decoder. When the
latch enable (LE) goes from LOW-to-HIGH, the last data present at the inputs before this transition,
is stored in the latches. Further address changes are ignored as long as LE remains HIGH. The
output enable input (E1 and E2) controls the state of the outputs independent of the address inputs
or latch operation. All outputs are HIGH unless E1 is LOW and E2 is HIGH. The 74HC237 is ideally
suited for implementing non-overlapping decoders in 3-state systems and strobes (stored address)
applications in bus-oriented systems.
2. Features and benefits
• Combines 3-to-8 decoder with 3-bit latch
• Multiple input enable for easy expansion or independent controls
• Active HIGH mutually exclusive outputs
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• • HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC237D
-40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC237DB
-40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HC237PW -40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1


Similar Part No. - 74HC237

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
3-to-8 line decoder/demultiplexer with address latches
December 1990
74HC237 PHILIPS-74HC237 Datasheet
104Kb / 19P
3-to-8 line decoder, demultiplexer with address latches
Rev. 03-12 November 2004
74HC237 NXP-74HC237 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 NXP-74HC237 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Solid State Inc
74HC237 SOLIDSTATE-74HC237 Datasheet
165Kb / 19P
3-to-8 line decoder, demultiplexer with address latches
More results

Similar Description - 74HC237

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
3-to-8 line decoder/demultiplexer with address latches
December 1990
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237N PHILIPS-74HC237N Datasheet
104Kb / 19P
3-to-8 line decoder, demultiplexer with address latches
Rev. 03-12 November 2004
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Nexperia B.V. All right...
74HC237-Q100 NEXPERIA-74HC237-Q100 Datasheet
792Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com