Electronic Components Datasheet Search
  English  ▼

X  

74HCT244BQ Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HCT244BQ
Description  Octal buffer/line driver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT244BQ Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HCT244BQ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT244BQ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT244BQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT244BQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT244BQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT244BQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT244BQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT244BQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT244BQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Nexperia
74HC244; 74HCT244
Octal buffer/line driver; 3-state
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+7
V
IIK
input clamping current
VI < -0.5 V or VI > VCC + 0.5 V
-
±20
mA
IOK
output clamping current
VO < -0.5 V or VO > VCC + 0.5 V
-
±20
mA
IO
output current
-0.5 V < VO < VCC + 0.5 V
-
±35
mA
ICC
supply current
-
70
mA
IGND
ground current
-70
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
[1]
-
500
mW
[1] For SOT163-1 (SO20) package: Ptot derates linearly with 12.3 mW/K above 109 °C.
For SOT360-1 (TSSOP20) package: Ptot derates linearly with 10.0 mW/K above 100 °C.
For SOT764-1 (DHVQFN20) package: Ptot derates linearly with 12.9 mW/K above 111 °C.
8. Recommended operating conditions
Table 5. Recommended operating conditions
Symbol Parameter
Conditions
Min
Typ
Max
Unit
74HC244
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
VCC = 2.0 V
-
-
625
ns/V
VCC = 4.5 V
-
1.67
139
ns/V
Δt/ΔV
input transition rise and fall rate
VCC = 6.0 V
-
-
83
ns/V
Tamb
ambient temperature
-40
-
+125
°C
74HCT244
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Δt/ΔV
input transition rise and fall rate
VCC = 4.5 V
-
1.67
139
ns/V
Tamb
ambient temperature
-40
-
+125
°C
74HC_HCT244
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 7 — 27 July 2021
4 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com