Electronic Components Datasheet Search
  English  ▼

X  

IR2108S Datasheet(PDF) 21 Page - International Rectifier

Part # IR2108S
Description  HALF-BRIDGE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2108S Datasheet(HTML) 21 Page - International Rectifier

Back Button IR2108S Datasheet HTML 15Page - International Rectifier IR2108S Datasheet HTML 16Page - International Rectifier IR2108S Datasheet HTML 17Page - International Rectifier IR2108S Datasheet HTML 18Page - International Rectifier IR2108S Datasheet HTML 19Page - International Rectifier IR2108S Datasheet HTML 20Page - International Rectifier IR2108S Datasheet HTML 21Page - International Rectifier IR2108S Datasheet HTML 22Page - International Rectifier IR2108S Datasheet HTML 23Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
www.irf.com
21
IR2108(4) (S) & (PbF)
01-6014
01-3003 01 (MS-001AB)
8-Lead PDIP
01-6027
01-0021 11 (MS-012AA)
8-Lead SOIC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
4
3
12
4. OUTLINE CONFORMS TO JEDEC OUTLINE MS-012AA.
NOTES :
1. DIMENSIONING & TOLERANCING PER AS ME Y14.5M-1994.
2. CONTROLLING DIMENSION: MILLIMETER
3. DIMENSIONS ARE S HOWN IN MILLIMETERS [INCHES].
7
K x 45°
8X L
8X c
y
FOOTPRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
8X 1.78 [.070]
5 DIMENS ION DOES NOT INCLUDE MOLD PROTRUS IONS.
6 DIMENS ION DOES NOT INCLUDE MOLD PROTRUS IONS.
MOLD PROTRUSIONS NOT TO EXCEED 0.25 [.010].
7 DIMENS ION IS THE LENGTH OF LEAD FOR SOLDERING TO
A SUBS TRATE.
MOLD PROTRUSIONS NOT TO EXCEED 0.15 [.006].
0.25 [.010]
C A B
e1
A
A1
8X b
C
0.10 [.004]
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
0°
.013
.050 BASIC
.0532
.0040
.2284
.0099
.016
.1968
.1574
8°
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
0°
1.27 BASIC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MILLIMETERS
INCHES
MIN
MAX
DIM
8°
e
c
.0075
.0098
0.19
0.25
.025 BASIC
0.635 BASIC
Case outlines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com