Electronic Components Datasheet Search
  English  ▼

X  

1815R Datasheet(PDF) 1 Page - Belden Inc.

Part # 1815R
Description  Audio Snake Cable, 4 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1815R Datasheet(HTML) 1 Page - Belden Inc.

  1815R Datasheet HTML 1Page - Belden Inc. 1815R Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 1815R
Audio Snake Cable, 4 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC
Jkt, CMR
Product Description
Audio Snake Cable, 4 Pair 22 AWG (7 x 30) Tinned Copper, PP Insulation, Individually Foil Shielded and PVC Jacketed, Overall Beldfoil® Shield, PVC Jacket,
Ripcord, CMR
Technical Specifications
Product Overview
Suitable Applications:
Multi-channel interconnect between audio equipment such as microphones, speakers, amplifiers, mixing consoles; Live events or studio sound; Analog audio
Construction Details
Conductor
Element No. of Elements
Size
Stranding
Material
Pair(s)
4
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Notes
Pair(s)
PP - Polypropylene 0.010 in (0.25 mm) 0.05 in (1.3 mm)
Black & Red
Brown, Red, Orange, Yellow The Colors represented in this rows are for Inner Jacket colors
Inner Shield
Element Shield Type
Material
Coverage
Drainwire Type
Notes
Pair(s)
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (7x30) TC Individual pair tapes are adhered to their inner jackets for easy stripping
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
18 AWG (19x30) TC
Inner Jacket
Element
Material
Nom. Thickness
Nom. Diameter
Pair(s)
PVC - Polyvinyl Chloride 0.015 in (0.38 mm) 0.133 in (3.38 mm)
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride 0.030 in (0.76 mm) 0.384 in (9.75 mm) Yes
Overall Cable Diameter (Nominal):
0.384 in (9.75 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
14.8 Ohm/1000ft
31 pF/ft (100 pF/m)
56 pF/ft (180 pF/m)
50 Ohm
66%
1.45 Amps per conductor @
25°C
Voltage
UL Voltage Rating
300 V (CMR)


Similar Part No. - 1815R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1815 TOSHIBA-1815 Datasheet
212Kb / 3P
Silicon NPN Epitaxail Type(for Audio Frequency General Purpose Amplifier Applications)
10-Apr-1997
logo
Fairchild Semiconductor
1815 FAIRCHILD-1815 Datasheet
44Kb / 4P
Audio Frequency Amplifier & High Frequency OSC
logo
NXP Semiconductors
1815 PHILIPS-1815 Datasheet
42Kb / 8P
NPN general purpose transistor
1999 May 28
logo
ASSUN MOTOR Pte Ltd.
1815 ASSUN-1815 Datasheet
253Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
logo
CEE Norm UK Ltd
1815 CEENORM-1815 Datasheet
1Mb / 4P
Socket Outlets
More results

Similar Description - 1815R

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1815WB BELDEN-1815WB Datasheet
202Kb / 2P
Audio Snake Cable, 4 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PE Jkt, Waterblocked
11-09-2022
1819R BELDEN-1819R Datasheet
176Kb / 2P
Audio Snake Cable, 16 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
11-09-2022
1821R BELDEN-1821R Datasheet
203Kb / 2P
Audio Snake Cable, 24 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
11-09-2022
1816WB BELDEN-1816WB Datasheet
202Kb / 2P
Audio Snake Cable, 6 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PE Jkt, Waterblocked
11-09-2022
1817WB BELDEN-1817WB Datasheet
176Kb / 2P
Audio Snake Cable, 8 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PE Jkt, Waterblocked
11-09-2022
1818R BELDEN-1818R Datasheet
151Kb / 2P
Audio Snake Cable, 12 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
12-19-2022
1823R BELDEN-1823R Datasheet
203Kb / 2P
Audio Snake Cable, 32 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
12-19-2022
1814R BELDEN-1814R Datasheet
151Kb / 2P
Audio Snake Cable, 2 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
12-19-2022
1816R BELDEN-1816R Datasheet
177Kb / 2P
Audio Snake Cable, 6 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
12-19-2022
1817R BELDEN-1817R Datasheet
177Kb / 2P
Audio Snake Cable, 8 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com