Electronic Components Datasheet Search
  English  ▼

X  

IR21084S Datasheet(PDF) 13 Page - International Rectifier

Part # IR21084S
Description  HALF-BRIDGE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21084S Datasheet(HTML) 13 Page - International Rectifier

Back Button IR21084S Datasheet HTML 9Page - International Rectifier IR21084S Datasheet HTML 10Page - International Rectifier IR21084S Datasheet HTML 11Page - International Rectifier IR21084S Datasheet HTML 12Page - International Rectifier IR21084S Datasheet HTML 13Page - International Rectifier IR21084S Datasheet HTML 14Page - International Rectifier IR21084S Datasheet HTML 15Page - International Rectifier IR21084S Datasheet HTML 16Page - International Rectifier IR21084S Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.irf.com
13
IR2108(4) (S) & (PbF)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
12
14
16
18
20
V
CC Supply Voltage (V)
Figure 15B. V
CC Supply Cur r e nt
vs. Supply Voltage
Max.
Typ.
Min.
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100 125
Temperature (oC)
T yp.
Max.
Figure 16A. Logic "1" Input Current
vs. Temperature
0
10
20
30
40
50
60
10
12
14
16
18
20
V
CC Supply Voltage (V)
Figure 16B. Logic "1" Input Current
vs. Supply Voltage
Max.
Typ.
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 17A. Logic "0" Input Current
vs. Tem perature
Max .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com